PART |
Description |
Maker |
74ABT16500 74ABT16500CMTD 74ABT16500CSSC 74ABT1650 |
18-Bit Registered Bus Transceiver with 3-STATE Outputs 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 18-Bit Universal Bus Transceivers with 3-STATE Outputs ABT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ABT16646 74ABT16646DGG 74ABT16646DL 74ABTH16646D |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-bit bus transceiver/register 3-State ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AV16601DGG |
18-bit universal bus transceiver 3-State ALVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP Semiconductors N.V.
|
74ACTQ16646 74ACTQ16646MTD 74ACTQ16646SSC 74ACTQ16 |
16-Bit Transceiver/Register with 3-STATE Outputs ACT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ABT16646CMTD 74ABT16646CSSC 74ABT16646 74ABT1664 |
Dual 8-bit Bus Transceiver ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-Bit Transceivers and Registers with 3-STATE Outputs 16位收发器和寄存器3态输
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74LVTH646 74LVTH646MTCX 74LVTH646WMX |
LVT SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 4.40 MM, MO-153, TSSOP-24 From old datasheet system Low Voltage Octal Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
FBL22031 FBL22031BB |
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30 Ohm termination 9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
|
Philips Semiconductors
|
SY10E336 SY10E336JCTR SY100E336JC SY100E336JCTR SY |
3-BIT REGISTERED BUS TRANSCEIVER
|
MICREL[Micrel Semiconductor]
|
74ALVT16952 74ALVT16952DL 74ALVT16952DGG AV16952DL |
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
IDT74LVCH16501A |
3.3V CMOS 18-BIT REGISTERED BUS TRANSCEIVER
|
IDT
|