PART |
Description |
Maker |
74ABT2245PW-T 74ABT2245D-T |
Single 8-bit Bus Transceiver 位总线收发 Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
|
NXP Semiconductors N.V.
|
ISL84515IB ISL84515 ISL84515IB-T ISL84515IH-T ISL8 |
512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,单电源,聚苯乙烯,模拟开 SINGLEMODE FIBER PATCH CABLE, PLENUM ST-LC 10M Low-Voltage, Single Supply, SPST, Analog Switches Low-Voltage/ Single Supply/ SPST/ Analog Switches Low-Voltage Single Supply SPST Analog Switches Analog Switch, SPST, Single, NOpen, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V Analog Switch, SPST, Single, NClosed, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
1.5KE350C 1.5KE16CA 1.5KE75C 1.5KE6.8C 1.5KE6.8A 1 |
TRANSZORB Transient Voltage Suppressors Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT -40 to 85 BOTTOM HANDSET CORD (U10P)BOTTOM HANDSET CORD (U10P); Connector type A:RJ11; Connector type B:Headset; Colour:Black MMC, SD, Memory Stick, Smart Media, and XD-Picture Card Voltage Translation Transceiver 48-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 PTA 1.5/6-3.5 玻璃钝化结瞬态电压抑制电压为440伏特6.8 Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85
|
Vaishali Semiconductor General Semiconductor SURGE[Surge Components] Surge Components, Inc.
|
74LVXC4245TTR 74LVXC4245 74LVXC4245M 74LVXC4245MTR |
OCTAL DUAL SUPPLY BUS TRANSCEIVER OCTAL DUAL SUPPLY BUS TRANSCEIVER 1.5MHz, 30A High-Efficiency LED Driver with Rapid LED Current Pulsing
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74ALVC164245NBSP 74ALVC164245DL AC164245DL 74ALVC1 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 16-bit dual supply translating transciever; 3-state 16-bit dual supply translating transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HD74AC245 HD74ACT245 HD74AC245FP HD74AC245RP HD74A |
Octal Bidirectional Transceiver with 3-State Input/Output BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|SOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|TSSOP|20PIN|PLASTIC BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, Solder Termination, Silver Contacts, UL, CSA, ENEC 总线收发器|单| 8位|行为的CMOS | TSSOP封装| 20针|塑料
|
Hitachi Semiconductor Renesas Electronics, Corp.
|
74AVC2T45GN 74AVC2T45DC 74AVC2T45GS |
Dual-bit, dual-supply voltage level translator-transceiver; 3-state 双位双电源电压转换无线电收发器;3 Dual-bit, dual-supply voltage level translator-transceiver; 3-state AVC SERIES, 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
LT1006 LT1006ACH LT1006ACJ8 LT1006AMH LT1006AMJ8 L |
Precision, Single Supply Op Amp OP-AMP, 200 uV OFFSET-MAX, MBCY8 Precision / Single Supply Op Amp Precision Single Supply Op Amp From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
ADCMP572 ADCMP573BCP ADCMP572BCP ADCMP573 |
Ultrafast 3.3 V Single-Supply Comparator w/Reduced Swing PECL (RSPECL) Output Drivers Ultrafast 3.3 V Single-Supply Comparators From old datasheet system
|
AD[Analog Devices]
|
5962F0254201QXC 5962F0254201VXC ISL7124SRH ISL7124 |
Operational Amplifier 运算放大 Single-Event Hardened, Single Supply, Quad Operational Amplifier Operational Amplifier, Single-Event Rad-Hard, Single Supply, Quad, 0.3V/s Slew Rate Single-Event Hardened/ Single Supply/ Quad Operational Amplifier 1.0 Amp Power Operational Amplifier
|
Brady, Corp. Intersil Corporation
|
EKLDL080 EKLPG080 EKLPG045 EKLPG050 |
Logic IC Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer; Temperature Range: -40°C to 85°C; Package: 20-QFN 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
|
MC33171DR2 MC33174VDR2 MC33172VD MC33172DR2G MC331 |
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers(???婧??浣?????绠??澶у?) Single Supply 3V to 44V, Low Power Dual Op Amp Single Supply 3V to 44V, Low Power Quad Op Amp Single Supply 3V to 44V, Low Power Single Op Amp
|
ON Semiconductor
|