PART |
Description |
Maker |
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
ZGP323HAS2004G ZGP323HAS2804G ZGP323HAP2032G ZGP32 |
IC Z8 GP MCU 4K OTP 20SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 20SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 32K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 4K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 8K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20
|
ZiLOG, Inc. ZILOG INC
|
ST722311R6T3S ST722311R6T7S ST72511R6T1 ST72511R7T |
(ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST72521R ST72521AR ST72521M ST72F |
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
HT46R22 46X22 |
8-Bit A/D Type MCU From old datasheet system
|
holtek
|
TMP47P407VF TMP47P407VN P407VN |
CMOS 4 Bit MCU From old datasheet system
|
Toshiba
|
TMP47C660AF_TMP47C860AF TMP47C660AN_TMP47C860AN C6 |
CMOS 4 Bit MCU From old datasheet system
|
Toshiba
|
TMP47C441AF TMP47C441AN C441AN |
CMOS 4 Bit MCU From old datasheet system
|
Toshiba
|
TMP47C216F_TMP47C416FNBSP C216F |
CMOS 4 Bit MCU From old datasheet system
|
Toshiba
|
HT46R62NBSPNBSPHT46C62 HT46X62 |
8 Bit A/D LCD MCU From old datasheet system
|
Holtek
|
TMP47C662AN_TMP47C862AN C662AN |
CMOS 4 Bit MCU From old datasheet system
|
Toshiba
|
|