PART |
Description |
Maker |
PIC16CE625 PIC16CE624-04I_JW PIC16CE624-04I_P PIC1 |
OTP 8-Bit CMOS MCU with EEPROM Data Memory
|
MICROCHIP[Microchip Technology]
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
ST7FDALI ST7FDALIF2B6 ST7FDALIF2M6 ST7FLITE2 ST7FL |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI (DATA BRIEFING)
|
ST Microelectronics
|
ST72260G1 ST72262G1 ST72262G2 ST72264G1 ST72264G2 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES (DATA BRIEFING)
|
SGS Thomson Microelectronics
|
P2288-02 P2288-09 |
MCU CMOS 44 LD 33MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY
|
Golledge Electronics, Ltd.
|
STM8AF519A STM8AF51A8 STM8AF51A9 STM8AF5269 STM8AF |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
|
STMicroelectronics
|
7-625-204 7-625-163 7-625-318 7-625-316 7-300-160 |
MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-SOIC 300mil, TUBE MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-PDIP, TUBE MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-SOIC 300mil, T/R MCU CMOS 20LD 20MHZ 2K EPRM, -40C to 85C, 20-SSOP 208mil, TUBE CHUCK 100MM 9600 baud fixed speed IrDA protocol handler and bit encoder/decoder, -40C to 85C, 18-SOIC 300mil, TUBE High-Speed, Low-Power Voltage Comparators CHUCK 200MM CHUCK 125MM CHUCK 160MM CHUCK 250MM 夹头250毫米 SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference 夹头160毫米
|
TE Connectivity, Ltd. Xicon Passive Components
|
7D5U5 7D12U5 7A12U5 7A12U15-15 7D5U15-15 7A5U15-15 |
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology, -40C to 125C, 8-DFN, TUBE MCU CMOS 8 LD 1K FLASH, -40C to 85C, 8-SOIC 150mil, T/R MCU CMOS 8 LD 1K FLASH, -40C to 85C, 8-PDIP, TUBE 8-Pin Flash-Based 8-Bit CMOS Microcontrollers, -40C to 85C, 8-SOIC 150mil, T/R Analog IC 模拟IC
|
Glenair, Inc.
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
|