Part Number Hot Search : 
MPG06J 74LS03P D1203UK KRM09 PST3731 3FB31ZNI 202AL PE33191
Product Description
Full Text Search

STBS056 -    SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR JFET; Continuous Drain Current, Id:1mA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.5V; Leaded Process Compatible:No; Mounting Type:Through Hole; On-Resistance, Rds(on):750ohm RoHS Compliant: No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:90uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.8V; Leaded Process Compatible:No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:240uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-3V; Leaded Process Compatible:No MOSFET, N SC-75AMOSFET, N SC-75A; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:20V; Case style:SC-75A; Current, Id cont:0.5A; Current, Idm pulse:1A; Power, Pd:0.15W; Resistance, Rds on:1.25R; SMD:1; Depth,

STBS056_953892.PDF Datasheet

 
Part No. STBS056 STBS5D0 STBS010 STBS011 STBS012 STBS013 STBS014 STBS015 STBS016 STBS018 STBS019 STBS020 STBS021 STBS023 STBS026 STBS028 STBS030 STBS033 STBS035 STBS039 STBS042 STBS047 STBS050 STBS053 STBS060 STBS063 STBS068 STBS06H STBS071 STBS075 STBS07A
Description    SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JFET; Continuous Drain Current, Id:1mA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.5V; Leaded Process Compatible:No; Mounting Type:Through Hole; On-Resistance, Rds(on):750ohm RoHS Compliant: No
JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:90uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.8V; Leaded Process Compatible:No
JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:240uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-3V; Leaded Process Compatible:No
MOSFET, N SC-75AMOSFET, N SC-75A; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:20V; Case style:SC-75A; Current, Id cont:0.5A; Current, Idm pulse:1A; Power, Pd:0.15W; Resistance, Rds on:1.25R; SMD:1; Depth,

File Size 47.58K  /  4 Page  

Maker

Electronics Industry Public Company Limited
EIC Semiconductor
EIC[EIC discrete Semiconductors]
EIC discrete Semiconduc...



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: STB0899
Maker: ST
Pack: QFP
Stock: Reserved
Unit price for :
    50: $12.87
  100: $12.22
1000: $11.58

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ STBS056 STBS5D0 STBS010 STBS011 STBS012 STBS013 STBS014 STBS015 STBS016 STBS018 STBS019 STBS020 STBS Datasheet PDF Downlaod from Datasheet.HK ]
[STBS056 STBS5D0 STBS010 STBS011 STBS012 STBS013 STBS014 STBS015 STBS016 STBS018 STBS019 STBS020 STBS Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for STBS056 ]

[ Price & Availability of STBS056 by FindChips.com ]

 Full text search :    SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR JFET; Continuous Drain Current, Id:1mA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.5V; Leaded Process Compatible:No; Mounting Type:Through Hole; On-Resistance, Rds(on):750ohm RoHS Compliant: No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:90uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.8V; Leaded Process Compatible:No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:240uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-3V; Leaded Process Compatible:No MOSFET, N SC-75AMOSFET, N SC-75A; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:20V; Case style:SC-75A; Current, Id cont:0.5A; Current, Idm pulse:1A; Power, Pd:0.15W; Resistance, Rds on:1.25R; SMD:1; Depth,


 Related Part Number
PART Description Maker
18-HD400 MOUN TING HO LE C ABLE TIES
Qualtek Electronics Cor...
1SMA4730A SURFACE MOUN T ZENER DIODES
Shunye Enterprise
S310 SURFA CE MOUN T SCHOTTKY BARRIER RECTIFIER
Gaomi Xinghe Electronics Co., Ltd.
0022288360 22-28-8360 2.54mm (.100) Pitch KK Header, Breakaway, Right Angle Surface Moun Compatible, 36 Circuits
MOLEX Connector
Molex Electronics Ltd.
1510140008    2.00mm Pitch, Milli-Grid BMI Receptacle Housing, 8 Circuits, with Panel Moun
Molex Electronics Ltd.
 
 Related keyword From Full Text Search System
STBS056 maker STBS056 reset STBS056 series STBS056 programmable STBS056 pin
STBS056 output data STBS056 Frequenc STBS056 Mosfet STBS056 Source STBS056 toshiba
 

 

Price & Availability of STBS056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.10907077789307