PART |
Description |
Maker |
MAC223A8FP MAC223A6 ON0365 MAC223A-D MAC223A10 |
Triac (Silicon Bidirectional Thyristor)(瀵奸??垫悼5A,??????宄板??靛?00V???????х?) 25 AMPERES RMS 400 thru 800 VOLTS From old datasheet system Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
JANTX1N6145A JAN1N6112A JANTX1N6148A |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
TVS二极- 瞬态电压抑 Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
2N6161 2N6158 2N6160 2N6162 2N6163 2N6164 2N6165 2 |
Triacs / Silicon Bidirectional Triode Thristors Silicon Bidirectional Triode Thyristors
|
Motorola, Inc.
|
MAC16HCD MAC16HCM MAC16HCN MAC16HC-D |
Triacs Silicon Bidirectional Thyristors TRICAS Silicon Bidirectional Thyristors
|
ON Semiconductor
|
PIP8.4H2 PHP8.4 PHP8.4H1 PIP208H2 PIP8.4H1 PIP24H1 |
7500 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN 7500 W, BIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, METAL, CASE-11, 2 PIN 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN
|
Microsemi, Corp. ProTek Devices MICROSEMI CORP-SCOTTSDALE
|
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
MAC4DHM MAC4DHMT4 MAC4DHM-001 |
Sensitive Gate Triacs Silicon Bidirectional Thyristors From old datasheet system Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ONSEMI[ON Semiconductor]
|
TGL34-6 TGL34-200 TGL34-82A TGL34-9.1CA |
150 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA Unidirectional and bidirectional Transient Voltage Suppressor diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA
|
Semikron International
|
BZW04-299 BZW04-273 BZW04-58 BZW04-342 BZW04-26 BZ |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
SEMIKRON INTERNATIONAL
|
MXSMBJP6KE8.2CE3TR MXSMBGP6KE9.1CATR MXSMBJP6KE8.2 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA ROHS COMPLIANT, PLASTIC, SMBJ, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC, SMBG, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC, SMBJ, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC, SMBG, 2 PIN 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
Z2150 Z2180U Z6047 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
|
GBIT0812C GBIT0815C GBIT0818C GBIT0824C GBIT0805C |
Aluminum Polymer SMT Capacitor; Capacitance: 120uF; Voltage: 20V; Case Size: 10x10 mm; Packaging: Tape & Reel 500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE TVSarray Series For Gigabit Ethernet Applications 500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE TVSarray Series For Gigabit Ethernet Applications
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|