PART |
Description |
Maker |
M27C256B-12XF1 |
256 Kbit (32Kb x 8) EPROM, 5V, 120ns
|
SGS Thomson Microelectronics
|
M48T37 M48T37V M48T37V-10MH1 M48T37V-10MH1TR M48T3 |
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
|
ST Microelectronics STMicroelectronics
|
M28C256-15NS1T M28C256-15WBS1T M28C256-15BS1T M282 |
Connector assemblies, Network cables; Drop Ship:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Locking Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection 256千位(的32KB × 8)与软件数据保护并行的EEPROM Octal Buffers/Drivers With 3-State Outputs 20-PDIP 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection 256千位2KB的EEPROM与x8并行软件数据保护 Octal Buffers/Drivers With 3-State Outputs 20-SO 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM
|
意法半导 STMicroelectronics N.V.
|
M24C02-WMN6P M24C02-WBN6P M24C16-RBN6P M24C16-WMN6 |
Enhanced ESD/latch-up protection, More than 40-year data retention 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I2C bus EEPROM
|
STMicroelectronics
|
PSD835G2V_07 PSD835G2V PSD835G2V-120U PSD835G2V-12 |
Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
|
STMICROELECTRONICS[STMicroelectronics]
|
M48Z32V-35MT6 M48Z32V-35MT6TR M48Z32V-35MT1TR -M48 |
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM 3.3V / 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
|
意法半导 ST Microelectronics
|
UL1402P UL1401P UL1403P UL1403 UL1402 |
Wzmacniacz mocy m.cz. From old datasheet system OBUDOWA CE 74 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
List of Unclassifed Manufacturers UNITRA CEMI Ultra CEMI ETC[ETC] Electronic Theatre Controls, Inc.
|
UL1231 UL1221 |
Wzmacniacz p.cz. z kluczowanARW 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
Ultra CEMI
|
UL1401 |
Wzmacniacz mocy m.cz. 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
Ultra CEMI
|
M24256 MM24256-BMW5T MM24256-BMW6T MM24256-BWMW5T |
256 KBIT/128 KBIT SERIAL I 2 C BUS EEPROM WITHOUT CHIP ENABLE LINES 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines
|
SGS Thomson Microelectronics STMicroelectronics ST Microelectronics
|