PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
M30621MCM-F52GP M30621MCM-5P4GP M30621MCM-F40GP M3 |
RESISTOR, 330 (5V LED DROP) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
HD404918 HD404919 HD40P4919 HN27C256-20 HN27C256H- |
ROM(words): 16,386; V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
|
HITACHI[Hitachi Semiconductor]
|
HD40L4240H HD40L4240P HD40L4240S HD404240H HD40424 |
V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4bit single-chip microcomputers
|
HITACHI[Hitachi Semiconductor]
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M30624FGAF M30624FGAFP |
IC,MICROCONTROLLER,16-BIT,M16C CPU,CMOS,QFP,100PIN,PLASTIC SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
|
RENESAS
|