PART |
Description |
Maker |
LBAT54SLT1 LBAT54SLT1G |
Dual Serles Schottky Barrler Dlodes 双Serles肖特基Barrler Dlodes
|
Leshan Radio Company, Ltd. 乐山无线电股份有限公
|
MMBD770T1 MMBD110T1 MMBD330T1 MMDD110T1 ON2076 MMB |
From old datasheet system SCHOTTKY BARRLER DLODES Schottky Barrier Diodes
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
TCMBR10200CT TCMBR10100CT TCMBR10150CT |
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
BAS70-04LT1 ON0122 BAS70-04LT1/D |
Dual Series Schottky Diode(高速开关应用,-0.75V正向电压,反向电0V的双肖特基势垒二极管) CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x16; Speed: 55 ns SCHOTTKY BARRIER DIODES From old datasheet system
|
Motorola, Inc. ON Semiconductor
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
301CNQSERIES 301CNQ040 301CNQ 301CNQ035 301CNQ045 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset SCHOTTKY RECTIFIER 300 Amp 50V 300A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package
|
IRF[International Rectifier]
|
1N6842 |
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER 10 A, 60 V, SILICON, RECTIFIER DIODE Schottky Rectifier
|
Microsemi, Corp. Microsemi Corporation
|
BAS40-04 BAS40-04LT1G BAS40-04LT1 BAS40-04L |
Dual Series Schottky Barrier Diode SCHOTTKY BARRIER DIODES
|
ONSEMI[ON Semiconductor]
|
5082-2271 50822271 |
SCHOTTKY BARRIER DUAL DIODE SILICON, LOW BARRIER SCHOTTKY, S BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|