PART |
Description |
Maker |
HUF76437S3S FN4709 HUF76437P3 |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
HUFA75433S3ST HUFA75433S3S |
N-Channel UltraFET R MOSFETs 60V, 64A, 16mOhm N-Channel UltraFET MOSFETs 60V/ 64A/ 16m N-Channel UltraFET MOSFETs 60V, 64A, 16mз 64 A, 60 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STP55NF06FP STB55NF06-1 |
N-CHANNEL 60V - 0.017 OHM - 50A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
ST Microelectronics
|
NTQS6466 ONSEMICONDUCTOR-NTQS6466R2 |
6.8 A, 20 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON SEMICONDUCTOR
|
RFP12N06RLE RFD12N06RLESM RFD12N06RLE FN2407 |
From old datasheet system 12A/ 60V/ 0.135 Ohm/ N-Channel/ Logic Level/ Power MOSFETs 12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs(12A, 60V, 0.135 Ω, N沟道,逻辑电平,功率MOS场效应管) 12 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
SI7540DP SI7540DP-E3 |
7.6 A, 12 V, 0.017 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET POWERPAK, SO-8 N- AND P-CHANNEL 12-V (D-S) MOSFET
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
HUFA76409D3S HUFA76409D3 HUFA76409D3ST |
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 18A I(D) | TO-252AA 17A/ 60V/ 0.071 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
STP16NF06L STP60NF06LFP STP16NF06LFP |
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFETII POWER MOSFET N沟道60V 0.07欧姆- 16A条TO-220/TO-220FP STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFETII POWER MOSFET N沟道60V 0.07欧姆- 16ATO-220/TO-220FP STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET II POWER MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.07 OHM - 16A TO-220 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
RFP50N06LE RFG50N06LE RF1S50N06LESM FN4072 F50N06L |
CAP Tantalum-Wet Miniature 6V 8.0 uF /-5% Silver can Axial High Reliability , TPC - Hilton 50A/ 60V/ 0.022 Ohm/ Logic Level N-Channel Power MOSFETs From old datasheet system 50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
STD30NE06L 6044 STD30NE06LT4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)|52AA N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|