PART |
Description |
Maker |
BUV48A BUV48 |
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 1W; Pot-Core Transformer - separated RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; Power: 1W; Pot-Core Transformer - separated NPN SILICON POWER TRANSISTORS
|
Transys Electronics Ltd. TRSYS[TRSYS]
|
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
NESG2031M05-T1 NESG2031M05 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR 邻舍npn型硅锗高频陈德良SIS的职权范 From old datasheet system
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
DA2383-AL DA2383-ALD |
Flyback Transformer PoE transformer, for NSC LM5071, 3.3V, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
2779H |
T1/E1 Transformer TELECOM TRANSFORMER HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
STD100NH02 STD100NH02L STD100NH02LT4 STD100NH02L-1 |
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET RESONATOR CERM W/CAP 10.00MHZ N沟道24V 0.0042欧姆-0A条的DPAK /像是iPak STripFET⑩三功率MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 24V - 0.0042 ohm - 60A DPAK/IPAK STripFET III POWER MOSFET N-channel 24V - 0.0042з - 60A - DPAK - IPAK STripFET⑩ II Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NTB65N02R NTP65N02R NTB65N02RT4 |
Power MOSFET 24V N-Channel D2PAK Power MOSFET 24V N-Channel TO-220
|
ON Semiconductor
|
STV300NH02L1 |
N-channel 24V - 0.8mΩ - 280A - PowerSO-10 STripFET Power MOSFET N-channel 24V - 0.8mヘ - 280A - PowerSO-10 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
Y8844-AL Z9260-AL |
NOT RoHS. Transformer, for ON NCP1200, 3.5W (add 'L' for compliant version) 3.5 W, SMPS TRANSFORMER Transformer, for ON NCP1200, 70W, RoHS 67 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|