PART |
Description |
Maker |
90800-0026 |
1.27mm PF Hdr RA LoPro Stag Sn 26Ckt 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
KTD1415 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING/ HAMMER DRIVER/ PULSE MOTOR DRIVER)
|
KEC(Korea Electronics)
|
BUZ41A C67078-S1306-A3 BUZ41AC67078-A1306A3 |
320 output dot-matrix display driver SIPMOS ? Power Transistor From old datasheet system SIPMOS POWER TRANSISTOR (N CHANNEL ENHANCEMENT MODE AVALANCHE-RATED)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2SA1425 E000527 |
TRANSISTOR (POWER AMPLIFIER/ DRIVER STAGE AMPLIFIER APPLICATIONS) From old datasheet system TRANSISTOR (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS) 晶体管(功率放大器,放大器的驱动程序
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
KTD686 |
Darlington Transistor EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING/ HAMMER DRIVER/PULSE MOTOR DRIVER)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
KTA1837 |
General Purpose Transistor TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
NTE351 |
Silicon NPN Transistor RF Power Amp, Driver
|
NTE[NTE Electronics]
|
2SD822 2SD882 2SD882P 2SD882Q |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|叩| 30V的五(巴西)总裁| 3A条一(c)|26 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset NPN(for the output stage of 3 watts audio amplifier/ voltage regulator/ DC-DC converter and relay driver) NPN SILICON POWER TRANSISTOR NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
|
NEC Corp. NEC[NEC]
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SA1425 2SA1425Y |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | SC-71 TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
BU941ZT BUB941ZT BUB941ZTT4 BU941ZTFP |
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER TRANSISTOR HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER TRANSISTOR
|
ST Microelectronics
|