PART |
Description |
Maker |
ZXTP19060CFFTA ZXTP19060CFF |
60V, SOT23F, PNP medium power transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTP19020CFFTA ZXTP19020CFF |
20V, SOT23F, PNP medium power transistor
|
Diodes Incorporated ZETEX
|
ZXTP05120HFFTA ZXTP05120HFF |
120V, SOT23F, PNP medium power Darlington transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTP08400BFF-15 |
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT23F
|
Diodes Incorporated
|
ZXTN08400BFF ZXTN08400BFFTA |
400V, SOT23F, NPN medium power high voltage transistor
|
Diodes Incorporated
|
BCX52-10 BCX52-16 BCP52-16 BCP52-10 BC52PA |
60 V, 1 A PNP medium power transistors PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
|
NXP Semiconductors
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
BD678G |
Plastic Medium−Power Silicon PNP Darlingtons 4 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-225AA
|
ON Semiconductor
|
2SB1132 2SB1237 2SA1515S A5800347 2SB1132P 2SB1132 |
Medium Power Transistor 中等功率晶体 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | SC-62 From old datasheet system Medium Power Transistor (-32A,-1A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
FMMT491AQTA FMMT491AQTC FMMT491ATA FMMT491ATC FMMT |
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23 40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
|
Diodes Incorporated
|
2SB1008 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 2A I(C) | TO-126 Low Freq. Power Amp. Epitaxial Planar PNP Silicon Darlington Transistor
|
Rohm CO.,LTD. ROHM Electronics
|