ATV04A360J-HF ATV04A360JB-HF ATV04A580J-HF ATV04A5 |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=140V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=110V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=8.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=130V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=30V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=300V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=10V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=16V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=18V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=20V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|