PART |
Description |
Maker |
UM82C450 |
ASYNCHRONOUS COMMUNICATION ELEMENT
|
UMC Corporation
|
UM68681 UM6551 |
Asynchronous Communication Interface Adapter
|
List of Unclassifed Manufacturers ETC UMC Corporation N.A.
|
OSM960 OSM960P |
Six Ele ment SMD Pho todiode Ar ray
|
Optek Technology OPTEK Technologies
|
PIC18F8720-E/PT PIC18F8720-I/PT PIC18F8720T-I/PT P |
64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D (PIC18Fxx20) Enhanced Flash Microcontrollers The PIC18F8520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... The PIC18F6520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... Ideal for connectivity applications that benefit from the availability of the double asynchronous serial port, the flexible synchronous ...
|
http:// Microchip Technology
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
67401J 67401N C67402N 67L402J 67402BJ 67401BJ 6740 |
8 bit SIPO shift register 3.3V Input to Regulated 5V Output Charge Pumps x4 Asynchronous FIFO x4异步FIFO x5 Asynchronous FIFO X5的异步FIFO
|
Pomona Electronics Electronic Theatre Controls, Inc.
|
YTZ420 |
3.0-5.0V; FCC: fieldbus communication controller LSI FIELDBUS COMMUNICATION CONTOROLLER LSI Fieldbus Communication Controller LSI(场总线通信控制集成电路)
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Yamaha Corporation
|
ST16C450IJ44-F ST16C450CQ48 16C450 |
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 1 CHANNEL(S), 1.5M bps, SERIAL COMM CONTROLLER, PQFP48 UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 通用异步接收/发送器(UART
|
Exar, Corp. Exar Corporation
|
MSM6636 |
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automative LAN(基于SAE-J1850通信协议的自动局域网传输控制 汽车工程J1850通信协议的整合传输控制器Automative局域网(基于汽车工J1850通信协议的自动局域网传输控制器) From old datasheet system SAE-J1850 Communication Protocol Conformity Transmission Controller for Automo- tive LAN SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
|
OKI SEMICONDUCTOR CO., LTD. OKI electronic componets OKI electronic components
|
IDT7204L20DG IDT7205L20DG IDT7204L35JG IDT7203L35D |
CMOS ASYNCHRONOUS FIFO 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 4K X 9 OTHER FIFO, 35 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2K X 9 OTHER FIFO, 35 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 4K X 9 OTHER FIFO, 35 ns, PDSO28 CMOS ASYNCHRONOUS FIFO 2K X 9 OTHER FIFO, 50 ns, PQCC32 32K X 9 OTHER FIFO, 25 ns, PQCC32
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
ZL38002QDG1 ZL3800207 ZL38003GMG2 ZL3800306 MT93L1 |
AEC with Noise Reduction & Codecs for Digital Hands-Free Communication Digital Echo Canceller for Hands Free Communication
|
Zarlink Semiconductor I... ZARLINK[Zarlink Semiconductor Inc]
|
|