PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
QEB50-48S3P3 QEB50-48S05 QEB50-48S1P8 QEB50-48S2P5 |
50 WATTS SINGLE OUTPUT DC-DC CONVERTER
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FDC60-12D05 FDC60-24S05 FDC60-48D15 FDC60 FDC60-12 |
Input range:9-18 VDC;output voltage:3.3/5 VDC; output current:6/6 A;input current:5770 mA; 60 W DC-DC converter 60 WATTS OUTPUT POWER KIT, MACHXO 2280C, EVAL BOARD
|
Power Mate Technology List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
HDM11-12D-D03 HDM11-12D-D05 HDM11-12D-D12 HDM11-12 |
PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
|
HITRON ELECTRONICS CORPORTION
|
HDM17-12B-D03 HDM17-12B-D05 HDM17-12B-D12 HDM17-12 |
PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
|
HITRON ELECTRONICS CORPORTION
|
HDH40-24D-D120I HDH40-24D HDH40-24D-D150K HDH40-24 |
ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
|
HITRON ELECTRONICS CORPORTION
|
DTSPU68 DTSPU68-105 DTSPU68-108 |
Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
|
Wall Industries,Inc.
|
HDH100-24B-S033300 HDH100-48B-S033300 HDH100-24B-D |
ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
|
HITRON ELECTRONICS CORPORTION
|
HDC400P-24B HDC400P-24B-490 HDC400P-48B-490 |
18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HDC202P-48B HDC202P-48B-490 |
36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HDC203P-48B-P033BCEI HDC203P-48B HDC203P-48B-P033B |
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
DU1P0-05S12 DU1P0-05S05 DU1P0-05D15 DU1P0-05D12 DU |
1 WATTS DC-DC CONVERTER
|
Power Mate Technology C...
|