PART |
Description |
Maker |
EPM7032LC44-15 EPM7160SLC84-10 EPM7160SLC84-6 EPM7 |
Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 20ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 6ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 12ns Programmable logic , 96 macrocells, 6 logic array blocks, 52 I/O pins, 15ns Programmable logic , 128 macrocells, 8 logic array blocks, 100 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 7ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 12ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 12ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 15ns Programmable logic , 160 macrocells, 10 logic array blocks, 84 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 104 I/O pins, 10ns Programmable Logic Device Family 可编程逻辑器件系列 Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 6ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 20ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 20ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 7ns Programmable logic , 96 macrocells, 6 logic array blocks, 64 I/O pins, 15ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 10ns Programmable logic , 96 macrocells, 6 logic array blocks, 76 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 10ns
|
Altera, Corp. Altera Corporation
|
DS013 |
256 macrocells with 6,000 usable gates
|
Xilinx, Inc
|
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
DCG015 |
MACH4 ISP EEPLD, SMD, TQFP144, 5V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:5V; Case style:TQFP; Base number:4; I/O lines, No. of:96; Logic function number:M4; Macrocells, No. of:192; Pins, RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
TVR10561 TVR20101 TVR14431 TVR20180 TVR20181 TVR20 |
From old datasheet system (TVR Series) ZINC OXIDE VARISTOR 50 SERIES Shrink Tubing; Shrink Ratio:2:1; Material:Polyolefin RoHS Compliant: Yes R- 600 PRV 6A ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电50系列 ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电0系列
|
N.A. ETC[ETC] Electronic Theatre Controls, Inc. STMicroelectronics N.V.
|
E9300B E9300A E9300H E9301A E9301B E9301H |
E9300B E-Series Average Power Sensor E9300A E-Series Average Power Sensor E9300H E-Series Average Power Sensor E9301A E-Series Average Power Sensor E9301B E-Series Average Power Sensor E9301H E-Series Average Power Sensor
|
Agilent (Hewlett-Packard)
|
M38030F2L-XXXHP M38030F2L-XXXKP M38030F2L-XXXSP M3 |
256 Kbit (32K x 8) nvSRAM; Organization: 32Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 256 Kb; Package: SOIC 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: 0 to 70 C 256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.50 to 5.50 V; Three-PLL General Purpose FLASH Programmable Clock Generator; Voltage (V): 3.3 V; Input Range: 1 MHz to 166 MHz; Output Range: 1 MHz to 200 MHz; Outputs: 6 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 256; Vcc (V): 3.3; fMax (MHz): 66; tPD (ns): 12 8-Mbit (512K x 16) Static RAM; Density: 8 Mb; Organization: 512Kb x 16; Vcc (V): 2.20 to 3.60 V; 9-Mbit (256K x 36/512K x 18) Pipelined SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM; Architecture: Standard Sync, Flow-through; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 18-Mbit QDR(TM)-II SRAM 4-Word Burst Architecture; Architecture: QDR-II, 4 Word Burst; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 1.7 to 1.9 V Four Output PCI-X and General Purpose Buffer; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 140 MHz; Outputs: 4; Operating Range: 0 to 70 C 18-Mbit QDR(TM)-II SRAM 2-Word Burst Architecture; Architecture: QDR-II, 2 Word Burst; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 1.7 to 1.9 V 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL(TM) Architecture; Architecture: NoBL, Flow-through; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 2.4 to 2.6 V 4-Mbit (512K x 8) Static RAM; Density: 4 Mb; Organization: 512Kb x 8; Vcc (V): 4.50 to 5.50 V; 4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 2.20 to 3.60 V; 64K x 16 Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 4.5 to 5.5 V; 9-Mbit (256K x 36/512K x 18) Pipelined SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 16-Mbit (1M x 16 / 2M x 8) Static RAM; Density: 16 Mb; Organization: 1Mb x 16; Vcc (V): 4.50 to 5.50 V; 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY; Density: 128 Kb; Organization: 8Kb x 16; Vcc (V): 4.5 to 5.5 V; Speed: 35 ns 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL(TM) Architecture; Architecture: NoBL, Flow-through; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 2.4 to 2.6 V 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 9 Mb; Organization: 512Kb x 18; Vcc (V): 3.1 to 3.6 V 8-Mbit (512K x 16) Static RAM; Density: 8 Mb; Organization: 512Kb x 16; Vcc (V): 4.50 to 5.50 V; 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM; Architecture: Standard Sync, Flow-through; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 256K x 16 Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 4.5 to 5.5 V; 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM; Architecture: Standard Sync, Pipeline DCD; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.1 to 3.6 V 4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 8-Mbit (1024K x 8) Static RAM; Density: 8 Mb; Organization: 1Mb x 8; Vcc (V): 2.20 to 3.60 V; 18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 3.1 to 3.6 V 256K x 16 Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 8-Mbit (1M x 8) Static RAM; Density: 8 Mb; Organization: 1Mb x 8; Vcc (V): 2.20 to 3.60 V; 3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 8; Operating Range: -40 to 85 C Programmable Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: -40 to 85 C 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL(TM) Architecture; Architecture: NoBL, Flow-through; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 3.1 to 3.6 V 18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 18 Mb; Organization: 1Mb x 18; Vcc (V): 3.1 to 3.6 V 512K x 8 Static RAM; Density: 4 Mb; Organization: 512Kb x 8; Vcc (V): 4.5 to 5.5 V; 18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 2.4 to 2.6 V 2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 12; Operating Range: -40 to 85 C 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: -40 to 85 C 2M x 8 Static RAM; Density: 16 Mb; Organization: 2Mb x 8; Vcc (V): 3.0 to 3.6 V; 16 Mbit (512K X 32) Static RAM; Density: 16 Mb; Organization: 512Kb x 32; Vcc (V): 3.0 to 3.6 V; 3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 8; Operating Range: 0 to 70 C 8-Mbit (1M x 8) Static RAM; Density: 8 Mb; Organization: 1Mb x 8; Vcc (V): 3.0 to 3.6 V; 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 5; fMax (MHz): 125; tPD (ns): 6 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 3.0 to 3.6 V; 16-Mbit (1M x 16) Static RAM; Density: 16 Mb; Organization: 1Mb x 16; Vcc (V): 3.0 to 3.6 V; 4-Mbit (256K x 18) Pipelined DCD Sync SRAM; Architecture: Standard Sync, Pipeline DCD; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.1 to 3.6 V 512K (32K x 16) Static RAM; Density: 512 Kb; Organization: 32Kb x 16; Vcc (V): 3.0 to 3.6 V; 4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture; Architecture: NoBL, Pipeline; Density: 4 Mb; Organization: 128Kb x 36; Vcc (V): 3.1 to 3.6 V 1M x 16 Static RAM; Density: 16 Mb; Organization: 1Mb x 16; Vcc (V): 3.0 to 3.6 V; Programmable Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: 0 to 70 C 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 9; Operating Range: 0 to 70 C MoBL(R) 2 Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 2.20 to 3.60 V; Rambus(R) XDR(TM) Clock Generator; VDD: 2.5 V; Input Frequency: 100 MHz to 133 MHz; Output Frequency: 300 MHz to 800 MHz; # Out: 4 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 2.20 to 3.60 V; 4-Mbit (128K x 36) Pipelined Sync SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 4 Mb; Organization: 128Kb x 36; Vcc (V): 3.1 to 3.6 V 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 5; fMax (MHz): 167; tPD (ns): 7 2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 10; Operating Range: 0 to 70 C 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 5; fMax (MHz): 100; tPD (ns): 7 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 5; fMax (MHz): 125; tPD (ns): 7 18-Mbit DDR-II SRAM 2-Word Burst Architecture; Architecture: DDR-II CIO, 2 Word Burst; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 1.7 to 1.9 V Low Voltage Programmable Skew Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: 0 to 70 C Spread Spectrum Clock Generator; Voltage(V): 3.3 V; Input Frequency Range: 25 MHz to 100 MHz; Output Frequency Range: 25 MHz to 100 MHz; Operating Range: 0 to 70 C; Package: SOIC Low Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: 0 to 70 C 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 3.3; fMax (MHz): 143; tPD (ns): 9 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 5; fMax (MHz): 154; tPD (ns): 6 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 3.3; fMax (MHz): 100; tPD (ns): 9 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 128; Vcc (V): 3.3; fMax (MHz): 83; tPD (ns): 10 单芯位CMOS微机 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 5; fMax (MHz): 125; tPD (ns): 6 单芯位CMOS微机 Three-PLL General-Purpose EPROM Programmable Clock Generator; Voltage (V): 3.3/5.0 V; Input Range: 1 MHz to 30 MHz; Output Range: .077 MHz to 100 MHz; Outputs: 6 单芯位CMOS微机 8-Mbit (512K x 16) MoBL(R) Static RAM; Density: 8 Mb; Organization: 512Kb x 16; Vcc (V): 2.20 to 3.60 V; 单芯位CMOS微机 High Speed Low Voltage Programmable Skew Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 3.75 MHz to 110 MHz; Outputs: 8; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 100 MHz; Outputs: 10; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 9; Operating Range: -40 to 85 C 单芯位CMOS微机 Programmable Skew Clock Buffer; Voltage (V): 5.0 V; Operating Frequency: 3.75 MHz to 80 MHz; Outputs: 8; Operating Range: -40 to 85 C 单芯位CMOS微机 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 3.0 to 3.6 V; 单芯位CMOS微机 MoBL(R) 1 Mbit (128K x 8) Static RAM; Density: 1 Mb; Organization: 128Kb x 8; Vcc (V): 2.20 to 3.60 V; 单芯位CMOS微机 18-Mbit QDR(TM)-II SRAM 2-Word Burst Architecture; Architecture: QDR-II, 2 Word Burst; Density: 18 Mb; Organization: 1Mb x 18; Vcc (V): 1.7 to 1.9 V 单芯位CMOS微机 1-Mbit (128K x 8) Static RAM; Density: 1 Mb; Organization: 128Kb x 8; Vcc (V): 4.50 to 5.50 V; 单芯位CMOS微机 4-Mbit (256K x 18) Pipelined Sync SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.1 to 3.6 V 单芯位CMOS微机 2-Mbit (64K x 32) Pipelined Sync SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 2 Mb; Organization: 64Kb x 32; Vcc (V): 3.1 to 3.6 V 单芯位CMOS微机 200-MHz Field Programmable Zero Delay Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 10 MHz to 200 MHz; Outputs: 12; Operating Range: -40 to 85 C 单芯位CMOS微机 2-Mbit (128K x 16) Static RAM; Density: 2 Mb; Organization: 128Kb x 16; Vcc (V): 2.20 to 3.60 V; 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 2-Mbit (256K x 8) Static RAM; Density: 2 Mb; Organization: 256Kb x 8; Vcc (V): 2.20 to 3.60 V; 单芯8位CMOS微机 Very Low Jitter Field and Factory Programmable Clock Generator; Voltage (V): 3.3 V; Input Range: 10 MHz to 133 MHz; Output Range: 20 MHz to 200 MHz; Outputs: 2 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 5; Operating Range: -40 to 85 C 单芯位CMOS微机 Three-PLL General Purpose FLASH Programmable Clock Generator; Voltage (V): 3.3 V; Input Range: 1 MHz to 166 MHz; Output Range: 0 MHz to 200 MHz; Outputs: 3 单芯位CMOS微机 1:8 Clock Fanout Buffer; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 350 MHz; Outputs: 8; Operating Range: -40 to 85 C 单芯位CMOS微机 Quad PLL Clock Generator with 2-Wire Serial Interface; Voltage (V): 2.5/3.3 V; Input Range: 27 MHz to 27 MHz; Output Range: 4.2 MHz to 166 MHz; Outputs: 5 单芯位CMOS微机 2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 12; Operating Range: 0 to 70 C 单芯位CMOS微机 3.3V Zero Delay Clock Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 9; Operating Range: 0 to 70 C 单芯位CMOS微机 High Speed Multi-phase PLL Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 24 MHz to 200 MHz; Outputs: 11; Operating Range: 0 to 70 C 单芯位CMOS微机 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 18; Operating Range: -40 to 85 C 单芯位CMOS微机 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer; Voltage (V): 2.5/3.3 V; Frequency Range: 0 MHz to 200 MHz; Outputs: 12; Operating Range: 0 to 70 C 1:8 Clock Fanout Buffer; Voltage (V): 3.3 V; Frequency Range: 0 MHz to 350 MHz; Outputs: 8; Operating Range: 0 to 70 C Spread Spectrum Clock Generator; Voltage(V): 3.3 V; Input Frequency Range: 4 MHz to 32 MHz; Output Frequency Range: 4 MHz to 32 MHz; Operating Range: 0 to 70 C; Package: SOIC High Speed Low Voltage Programmable Skew Clock Buffer; Voltage (V): 3.3 V; Operating Frequency: 3.75 MHz to 110 MHz; Outputs: 8; Operating Range: 0 to 70 C 5V, 3.3V, ISR(TM) High-Performance CPLDs; # Macrocells: 64; Vcc (V): 3.3; fMax (MHz): 100; tPD (ns): 9
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
P772-006 |
6-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
|
Tripp Lite. All Rights ...
|
|