PART |
Description |
Maker |
SR2035CT |
(SR2020CT - SR2060CT) 20.0 Amp Schottky Barrier Rectifiers
|
Goodwork Semiconductor
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
ZL2005PALPFT ZL2005PALPFT1 |
Digital-DC™ Controller with Drivers and POLA/DOSA Trim Description; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC36
|
Intersil, Corp.
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
HIP9011ABT |
Engine Knock Signal Processor; Temperature Range: -25°C to 85°C; Package: 20-SOIC T&R SPECIALTY ANALOG CIRCUIT, PDSO20
|
Intersil, Corp.
|
PA10A |
Linear Op-Amp, 90V, 5A "Select" Grade RoHS Compliant: Yes OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CBFM8
|
Cirrus Logic, Inc.
|
350874-3 1-794762-5 2-480705-0 1-1123688-7 5223957 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); UMNL SOK 18-14 .0125 PTPPHBZ ( AMP ) .250" Centerline, 600 V, 19 – 36 A max Quick Reference Guide 2-Piece Power Connectors MULTI–BEAM XL™ – Power Distribution (W–to–B) Connector System VITA 46 Connectors Sealed Universal MATE–N–LOK Connectors VITA 62 Connectors
|
Tyco Electronics
|
LT1996IMSPBF LT1996IMSTR |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10
|
Linear Technology, Corp.
|