PART |
Description |
Maker |
HER151 HER154 HER158 HER152 HER153 HER155 HER156 H |
Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 1.5 AMPS.HIGH效率整流二极 1.5 AMPS.HIGH EFFICIENCY RECTIFIERS
|
Jinan Gude Electronic Device Co., Ltd. JGD[Jinan Gude Electronic Device]
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
SK56C SK53C SK54C |
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers FERRITE TUBULAR BEAD 19.00MM ; Contact Spacing (mm): 2; Terminal Pitch (mm): 2; Stack Height (mm): 5.1; PCB Mount Type: Through-hole; Current Rating(Amps)(Max.): 2; Operating
|
Taiwan Semiconductor Co... TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Co., Ltd.
|
3810 3811 7111 7113 7114 7115 7116 7117 7118 7119 |
T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.075 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, miniature flanged lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.075 amps.
|
Gilway Technical Lamp
|
5962-9455602M2X |
SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps 4通道模拟多路复用
|
Molex, Inc.
|
NTD23N03R NTD23N03R-1 NTD23N03R-1G NTD23N03RG NTD2 |
Power MOSFET 23A, 25V, N-Channel DPAK 23 Amps / 25 Volts / N-Channel DPAK 23 Amps, 25 Volts, N−Channel DPAK 23 Amps, 25 Volts, N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
MF1151V-2 |
From old datasheet system FOR AMPS MOBILE TELEPHONE, Tx CONNECTOR ACCESSORY FOR AMPS MOBILE TELEPHONE / Tx
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
NTP85N03 NTB85N03 NTB85N03T4 |
Power MOSFET 85 Amps / 28 Volts Power MOSFET 85 Amps, 28 Volts N-Channel TO-220(85A,28V,N通道,TO-220封装的功率MOSFET)
|
ONSEMI[ON Semiconductor]
|
MGSF2N02E MGSF2N02ELT1 MGSF2N02ELT1G MGSF2N02ELT3 |
2.8 Amps, 20 Volts, N−Channel SOT−23 2.8 A, 20 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-236AB 2.8 Amps, 20 Volts, N-Channel SOT-23 2.8 Amps, 20 Volts, N−Channel SOT−23 Power MOSFET 2.8 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
MCP6L01UT-E_LT MCP6L01UT-E_MS MCP6L01UT-E_OT MCP6L |
1 MHz, 85 μA Op Amps 1 MHz, 85 渭A Op Amps 1 MHz, 85 楼矛A Op Amps
|
Microchip Technology
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
|