PART |
Description |
Maker |
SLD323V SLD323V-21 SLD323V-24 |
807 nm, LASER DIODE 798 nm, LASER DIODE High Power Density 1W Laser Diode
|
SONY
|
SLD324ZT-21 SLD324ZT |
High-Power Density 2W Laser Diode 798 nm, LASER DIODE M-272, 12 PIN
|
SONY NXP Semiconductors N.V.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SMB10J6.0 SMB10J6.0A SMB10J6.5 SMB10J6.5A SMB8J8.0 |
High Power Density Surface Mount TRANSZORB㈢ Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB庐 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix http://
|
STW80N06-10 4868 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR From old datasheet system N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
ISPLSI1016EA ISPLSI1016EA-100LJ44 ISPLSI1016EA-100 |
125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD In-System Programmable High Density PLD 200 MHz in-system prommable high density PLD
|
Lattice Semiconductor
|
DR127-100-R DR127-150-R DR127-101-R DR127-102-R DR |
High power density, high efficiency, shielded inductors
|
List of Unclassifed Man...
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
M29W640D M29DW323 |
Excalibur High-Speed Low-Power Precision Quad Operational Amplifier 16-SOIC FLASH NOR HIGH DENSITY & CONSUMER
|
ST Microelectronics 意法半导 STMicroelectronics
|