PART |
Description |
Maker |
SLD301B |
Block-type 100mW High Power Laser Diode
|
Sony Corporation
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
G6K-2P-YDC9 G6K-2P-YDC3 G6K-2P-YDC5 G6K-2P-YDC12 G |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.011A (COIL), 9VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.021A (COIL), 5VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.009A (COIL), 12VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.005A (COIL), 24VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
ITT Interconnect Solutions
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
56.703.5053.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
UA2-4.5SNU UB2-3NE |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.022A (COIL), 4.5VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
NEC TOKIN CORP
|
S486G-S08-R S486L-S08-R S48611 S486-15 |
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
|
Unisonic Technologies
|
FD1500AV-90 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 600 A AC/DC CLAMP-ON DMM,TRMS RoHS Compliant: NA HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
1553160000 |
Terminal Block; Number of Positions:6; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Screw Clamp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
FTR-B4SB009Z-B05 FTR-B4SB006Z-B05 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.011A (COIL), 9VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.017A (COIL), 6VDC (COIL), 100mW (COIL), 1A (CONTACT), 30VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
FUJITSU COMPONENT LTD
|
|