PART |
Description |
Maker |
RN4603 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
RN2967 RN2969 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Toshiba Semiconductor
|
2SA1244 2SA1244-Y2-7B1A |
5000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Transistor Silicon PNP Epitaxial Type (PCT process) High Current Switching Applications
|
TOSHIBA
|
2SA1648 2SA1648-Z 2SA1648-Z-T2 2SA1648-Z-T1 2SA164 |
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING PNP epitaxial type silicon transistor
|
NEC Corp.
|
MP4305 |
Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
RN2306 RN2302 RN2303 RN2304 RN2301 RN2305 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Transistor Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HN1A01FUGR HN1A01FU |
Transistor Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications TRANSISTOR | BJT | PAIR | PNP | 50V V(BR)CEO | 150MA I(C) | TSOP
|
TOSHIBA
|
HN1B01FU HN1B01FUGR |
TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 50V V(BR)CEO | 150MA I(C) | TSOP Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
|
TOSHIBA
|
2SA1790 2SC4626 |
Silicon PNP epitaxial planer type 30 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SA2164 |
Silicon PNP epitaxial planar type For high-frequency amplification 30 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
2SA1425 2SA1425Y |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | SC-71 TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SA1225 2SA1225Y |
TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1.5A I(C) | TO-251AA Transistor Silicon PNP Epitaxial Type (PCT process) Power Amplifier Applications Driver Stage Amplifier Applications
|
TOSHIBA
|