PART |
Description |
Maker |
P89LPC925FDH P89LPC924FDH P89LPC925FN P89LPC925 P8 |
P89LPC924/925; 8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter (P89LPC924 / P89LPC925) 8-bit microcontrollers
|
NXP Semiconductors Philips Semiconductors
|
P89LPC924 P89LPC924FDH P89LPC925 P89LPC925FDH |
8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P89LPC9102FTK |
8-bit microcontrollers with accelerated two-clock 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
|
Philips
|
P89LPC904 P89LPC904FD P89LPC904FN |
P89LPC904; 8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
P89LPC912 |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
AT89C51AC205 T89C51AC2 AT89C51AC2 |
80C51 Microcontrollers
|
ATMEL[ATMEL Corporation]
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|