PART |
Description |
Maker |
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
HUF76407P3 |
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
MTP3055E 3036 MTP3055 |
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET -通道60V 0.1ohm - 12A条,220 STripFET MOSFET N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET N - CHANNEL 60V - 0.1 - 12A TO-220 STripFET TM MOSFET From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RQ3L050GNTB |
Nch 60V 12A Middle Power MOSFET
|
ROHM
|
STP12PF06 6556 |
P - CHANNEL 60V - 0.18 - 12A TO-220 STripFET TM POWER MOSFET From old datasheet system
|
STMicro
|
IRF9Z24NL IRF9Z24NS IRF9Z24NSTRR IRF9Z24NSTRL |
-60V Single P-Channel HEXFET Power MOSFET in a TO-262 package -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.175ohm,身份证\u003d- 12A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.175ohm/ Id=-12A)
|
IRF[International Rectifier] International Rectifier, Corp.
|
HUF76407P3 FN4706 |
From old datasheet system 12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Intersil Corporation
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ECG2900 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)| TO - 220AB现有
|
Cypress Semiconductor, Corp.
|