PART |
Description |
Maker |
MP1531DQ EV1531DQ-002A MP1531 MP1531DM |
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
|
MPS[Monolithic Power Systems]
|
MP1531 EV1531DQ-002A |
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
|
http:// MPS[Monolithic Power Systems]
|
G5561A |
Quad-Output TFT LCD Bias DC-DC Converter
|
Global Mixed-mode Techn...
|
MAX188 MAX1889 MAX1889EGE MAX1889ETE |
Triple-Output TFT LCD Power Supply with Fault Protection
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT1942EUFTRPBF |
Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
|
Linear Technology
|
MT4C4M4A1TG-6S MT4C4M4B1TG-6S MT4LC4M4B1TG-6S MT4C |
RF Coaxial Connector Adapter; Convert From:UHF Plug; Convert To:Mini-UHF Jack RoHS Compliant: Yes 内存 DRAM 内存
|
Micron Technology, Inc. http://
|
MAX1997ETJ MAX1997 MAX1997-MAX1998 MAX1998 MAX1998 |
From old datasheet system Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1947 LT1947EMS |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Adjustable Output TFT-LCD Triple Switching Regulator
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
LTC3524 LTC3524EUF LTC3524EUF-PBF LTC3524EUF-TR LT |
Adjustable TFT Bias Supply with WLED Driver
|
Linear Technology
|
74LVC3G07GT 74LVC3G07GD |
Triple buffer with open-drain output 3个有开漏输出的缓冲 Triple buffer with open-drain output LVC/LCX/Z SERIES, TRIPLE 1-INPUT NON-INVERT GATE, PDSO8
|
NXP Semiconductors N.V.
|
AAT1164-Q5-T AAT1164B-Q5-T AAT1164C-Q5-T |
TRIPLE-CHANNEL TFT LCD POWER SOLUTION
|
Advanced Analog Technology, Inc.
|