PART |
Description |
Maker |
BL01RN1A1D2B BL01RN1A2A2B BL03RN2R1M1B |
INDUCTOR FERRITE BEAD 1 FUNCTIONS, 7 A, FERRITE BEAD FILTER, FERRITE BEAD, AXIAL LEAD, 6A 1 FUNCTIONS, 7 A, FERRITE BEAD 1 FUNCTIONS, 6 A, FERRITE BEAD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BLM21AG221SN1P BLM21AG331SN1P BLM21AG471SN1P BLM21 |
EMIFILr (Inductor type) Chip Ferrite Bead EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L...
|
MH1608HM331-T FBMH1608HM331-T FBMH2012HM331-T FBMJ |
Please read this notice before using the TAIYO YUDEN products. CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE) CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
|
Taiyo Yuden (U.S.A.), Inc Taiyo Yuden (U.S.A.), I...
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
2743021446 |
43 SM BEAD
|
Fair-Rite Products Corp.
|
2952778101 |
52 PC BEAD
|
Fair-Rite Products Corp.
|
2743013211 |
43 BEAD ON LEAD
|
Fair-Rite Products Corp.
|
2944666631 |
44 WOUND BEAD
|
Fair-Rite Products Corp.
|
2743008111 |
43 BEAD ON LEAD
|
Fair-Rite Products Corp.
|