PART |
Description |
Maker |
MC79L15ABD MC79L15ABP MC79L15CP MC79L00 MC79L00ACP |
From old datasheet system THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PBCY3 COVER, PSU; Length / Height, external:42.1mm; Width, external:96.5mm; Depth, external:172.7mm; Material:Aluminium; Series:HUL RoHS Compliant: Yes 5 V FIXED NEGATIVE REGULATOR, PBCY3
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
LM7905 IP120AIG-05 IP120R-05 LM7915 LM7912 LM7905A |
1.5 AMP NEGATIVE VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, PSFM3 1.5 AMP NEGATIVE VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, MBFM2 5 V FIXED NEGATIVE REGULATOR, CBCC3 12 V FIXED NEGATIVE REGULATOR, MBFM2 FIXED NEGATIVE REGULATOR, SFM3
|
Seme LAB TT electronics Semelab, Ltd. SEMELAB LTD
|
IP79M05 IP79M15J IP120M IP120M-05 IP120M-12 IP120M |
0.5A, 15V Negative Voltage Regulator 0.5 AMP,Negative Voltage Reglator(0.5 A,15V负稳压器) 0.5 AMP,Negative Voltage Reglator(0.5 A,12V负稳压器) XO 50MHZ 50PPM 3.3V SMD-7050 TR-7-PL Circular Connector; No. of Contacts:22; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No XO 25MHZ 50PPM 3.3V SMD-7050 TR-7-PL RES-ARRAY 10K-OHM 8-ELEMENT 5% 0.5W CONCAVE THK-FILM SMD-6416 TR-7-PA 0.5安培负电压稳压器 0.5 AMP NEGATIVE VOLTAGE REGULATOR 0.5安培负电压稳压器 Voltage Regulator 15 V FIXED NEGATIVE REGULATOR, MBCY3 Voltage Regulator 5 V FIXED NEGATIVE REGULATOR, MBCY3 XO 48MHZ 50PPM 3.3V SMD-7050 TR-7-PL 0.5安培负电压稳压器 Voltage Regulator 电压调节 0.5 AMP,Negative Voltage Reglator(0.5 A,5V负稳压器) 0.5安培,负电压Reglator.5甲,5V的负稳压器) 0.5 AMP NEGATIVE VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 0.5A, 12V Negative Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. SEMELAB LTD
|
MC7905CT MC7906CT MC79XXCT MC7924CT MC7908CT MC790 |
IC VREG 24 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator 3-Terminal Fixed Negative Voltage Regulators IC VREG 9 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator
|
VISAY[Vishay Siliconix] Vishay Semiconductors
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
42095-015 42095-018 42095 42095-030 42095-005 4209 |
NEGATIVE HIGH TEMPERATURE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBFM2 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:3; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight NEGATIVE HIGH TEMPERATURE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2
|
Micropac Industries, Inc. MICROPAC[Micropac Industries] Amphenol, Corp.
|
MC79L12ABDG MC79L12ABDR2 MC79L12ABPRA MC79L12ABPRA |
100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PDSO8 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PBCY3 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, BCY3 100 mA Negative Voltage Regulators 5 V FIXED NEGATIVE REGULATOR, PDSO8
|
ON Semiconductor
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
LM120AG/IG-05 LM7905AG LM7905ASMD-8QR-B LM7905AG-8 |
5 V FIXED NEGATIVE REGULATOR, MBFM2 Voltage Regulator 电压调节 1.5 AMP NEGATIVE VOLTAGE REGULATOR Analog IC 模拟IC
|
SEMELAB LTD Holt Integrated Circuits, Inc. Seme LAB TT electronics Semelab, Ltd.
|
IP350G IP140-05R IP323A-12T IP323-15T IP1R18-15K I |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3 12 V FIXED POSITIVE REGULATOR, PSFM3 15 V FIXED POSITIVE REGULATOR, PSFM3 15 V FIXED POSITIVE REGULATOR, MBFM2 12 V FIXED NEGATIVE REGULATOR, PSFM3 15 V FIXED NEGATIVE REGULATOR, MBFM2
|
SEMELAB LTD
|
MSK5332-5.2U MSK5332-5.2S MSK5332-5.2HG MSK5332-5. |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 12 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
MSK5200-ETU MSK5200-ZU MSK5200-ZD |
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS DUAL OUTPUT, FIXED MIXED LDO REGULATOR, SFM5
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|