PART |
Description |
Maker |
M51524 |
AUTO REVERSE PREAMPLIFIER WITH MUSIC SENSOR
|
Mitsubishi
|
M51525 |
Auto Reverse Preamplifier with Music Sensor
|
Mitsubishi
|
BA3402 |
Dual Channel Auto Reverse Tape Preamplifier
|
Rohm
|
KA22131 |
Dual Pre-Power Amplifier for Auto Reverse
|
Samsung Electronic
|
NTE1577 |
Integrated Circuit Dual / Low Noise Preamp w/Auto Reverse Integrated Circuit Dual, Low Noise Preamp w/Auto Reverse
|
NTE[NTE Electronics]
|
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
ARA2005 ARA2005S8P0 ARA2005S8P1 |
The ARA2005 is a monolithic GaAs device designed to provide the reverse path amplification and output level control functions in ... Reverse Path Amplifiers Reverse Amplifier with Step Attenuator
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
C1206C105K3RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 25 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1206C225K5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 2.2 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C0603C821K5RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 820 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C0402C102K5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 1000 pF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
|