PART |
Description |
Maker |
LTC1517CS5-3.3 15173F LTC1517-3.3 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5 From old datasheet system Micropower/ Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
|
Linear Technology, Corp.
|
CHA-20NF |
(CHA-20xx) Coaxial Attenuators
|
Component General
|
SC1517-5 SC1517ISK-5TR |
MICROPOWER/ REGULATED 5V CHARGE PUMP MICROPOWER, REGULATED 5V CHARGE PUMP
|
SEMTECH[Semtech Corporation]
|
LTC1516 LT1516 |
Micropower, Regulated 5V Charge Pump DC/DC Converter From old datasheet system
|
Linear
|
AFL2803.3SX/CH AFL12003.3SX/CH AFL12003.3SW/ES AFL |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C Single Cell to 3.3V Regulated Charge Pump DC/DC Converter Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC 1-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE 2-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
International Rectifier, Corp. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
AMS3100-1.2 AMS3100C-12 AMS3100B-12 AMS3100-12CM A |
1.2V Micropower voltage reference ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% 微功耗电压参 MICROPOWER VOLTAGE REFERENCE 微功耗电压参
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc.
|
HL02R05S05 HL02R24S05 HL02R05D15 HL02R05D12 HL02R1 |
2 WATT REGULATED DC/DC CONVERTER 2瓦特稳压DC / DC变换 2 Watts Regulated DC/DC Converter
|
CANDD[C&D Technologies]
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
ISL6111 ISL6111CRZA ISL6111EVAL2 ISL6111CRZA-T |
Current regulated PCI hot plug power switch controller. From old datasheet system Current Regulated PCI Hot Plug Power Switch Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC20 Current Regulated PCI Hot Plug Power Switch Controller 电流调节的PCI热插拔电源开关控制器
|
Intersil Corporation Intersil, Corp.
|