PART |
Description |
Maker |
3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV50 |
Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT
|
Tyco Electronics
|
R573002345 R573002340 R573502410 R574183980 R57308 |
RF COAXIAL RELAY, SP3T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP9T, LATCHED, 0.5A (COIL), 28VDC (COIL), 14000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.28A (COIL), 12VDC (COIL), 15360mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.375A (COIL), 28VDC (COIL), 10500mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP11T, LATCHED, 1.375A (COIL), 28VDC (COIL), 38500mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP10T, LATCHED, 3.2A (COIL), 12VDC (COIL), 38400mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.5A (COIL), 28VDC (COIL), 42000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.102A (COIL), 28VDC (COIL), 2856mW (COIL), 3000MHz, PANEL MOUNT
|
Radiall S.A. RADIALL S A
|
R574.F92.425 |
RF COAXIAL RELAY, SP4T, LATCHED, 0.64A (COIL), 12VDC (COIL), 7680mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
R574.F92.600 |
RF COAXIAL RELAY, SP6T, LATCHED, 0.96A (COIL), 12VDC (COIL), 11520mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
FTR-JRJC024W |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 24VDC (COIL), 530mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
OMR-109H000 |
DRY REED RELAY, SPST, MOMENTARY, 0.013A (COIL), 9VDC (COIL), 116mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
IRC Advanced Film
|
FTR-K3JB005W-LS |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.156A (COIL), 5VDC (COIL), 780mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
FTR-K1AK005W-KW |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
521Y-481103A |
RF COAXIAL RELAY, SPDT, LATCHED, 0.21A (COIL), 24VDC (COIL), 5040mW (COIL), 40000MHz, 15W (RF INPUT), PANEL MOUNT
|
DOW-KEY MICROWAVE CORP
|
OL-C-209H000 |
DRY REED RELAY, DPST, MOMENTARY, 0.03A (COIL), 9VDC (COIL), 270mW (COIL), 0.1A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
CTS Valpey, Corp.
|
|