PART |
Description |
Maker |
5SFP630-R 5SF200-R |
Quick Acting Fuse Series
|
Bel Fuse Inc.
|
0657R0800-01 0657R0800-02 0657R0800-11 0657R0800-1 |
QUICK ACTING FUSE SERIES
|
Bel Fuse Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
20300013 2030.0549 2030.0552 2030.0553 2030.0545 2 |
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
|
Schurter Inc.
|
SSQ15 SSQ8 SSQ1 SSQ1.25 SSQ1.5 SSQ10 SSQ12 SSQ2 SS |
Square Ceramic Surface Mount Quick Acting Fuse
|
http:// BEL[Bel Fuse Inc.]
|
SP6.3X32 SP6.3X32-18 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
7020.8610 7020.8530 7020.8580 7020.8570 7020.8510 |
Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
|
Schurter Inc.
|
172593 |
Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
|
Schurter Inc.
|
0275007.M- 0275003.M- 0275004.M- 027501.5M- 027501 |
PICO? Fuse Very Fast-Acting Fuse 275/276 Series
|
Littelfuse
|