PART |
Description |
Maker |
WS57C256F WS57C256F-35 WS57C256F-35C WS57C256F-35D |
-WS57C256F MILITARY HIGH SPEED 32K X 8 CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28 HIGH SPEED 32K x 8 CMOS EPROM 高2K的8的CMOS存储
|
SGS Thomson Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
W24257A-15 W24257AK-15 W24257AJ-15 W24257AS-12 W24 |
32K X 8 High Speed CMOS Static RAM 32K X 8 High Speed CMOS Static RAM 32K X 8 STANDARD SRAM, 35 ns, PDIP28 ER 7C 5#16 2#12 PIN RECP WALL ER 4C 3#12 1#8 PIN RECP
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
IC61LV256- IC61LV256 IC61LV256-15TG IC61LV256-8TIG |
32K x 8 Hight Speed SRAM with 3.3V 32K x 8 Hight Speed SRAM with 3.3V 32K的8 Hight高速SRAM.3V ASYNCHRONOUS STATIC RAM, High Speed A.SRAM
|
Integrated Circuit Solu... Ecliptek, Corp. ICSI[Integrated Circuit Solution Inc]
|
AS7C513B AS7C513B-20TI AS7C513B-10JC AS7C513B-10JI |
High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-PDIP -55 to 125 32K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 32K X 16 STANDARD SRAM, 10 ns, PDSO44 5V 32K x 16 CMOS SRAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 32K X 16 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Dual 2-to-4 Line Decoders/Demultiplexers 16-PDIP -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT7037 IDT7037L IDT7037L20PFI IDT7037L15PF IDT703 |
32K x 18 Dual-Port RAM HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
IS64WV3216BLL IS64WV3216BLL-15BA3 IS64WV3216BLL-15 |
32K x 16 HIGH-SPEED CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
LP61L256C LP61L256CS-12 LP61L256CS-15 |
32K X 8 BIT HIGH SPEED CMOS SRAM
|
AMICC[AMIC Technology]
|
IS61C256AL |
32K x 8 High Speed CMOS STATIC RAM
|
Integrated Silicon Solution
|
UM61256 |
32K x 8-Bit High Speed CMOS SRAM
|
UTRON
|