PART |
Description |
Maker |
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
STFI26N60M2 |
LCC converters, resonant converters
|
STMicroelectronics
|
SXE15-48S2V5J SXE15 SXE15-48S3V3J SXE15-48S05J SXE |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
|
Emerson Network Power
|
V7AH-05B330 S7AH-05B S7AH-05B120 S7AH-05B150 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MN5120 MN5121 MN5122 MN5123 MN512X MN5130 MN5131 M |
8 bit A/D converter (MN512x - MN514x) 8-bit A/D Converters 8-bit A/D Converters 8位A / D转换
|
Integrated Circuit Systems Electronic Theatre Controls, Inc. Panasonic, Corp.
|
IRF7807APBF IRF7807PBF IRF7807TRPBF |
N Channel Application Specific MOSFETs HEXFET㈢ Chip-Set for DC-DC Converters HEXFET? Chip-Set for DC-DC Converters
|
International Rectifier
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TSC-1D4815N TSC-3QD4815N TSC-1S2405N TSC-1S2412N T |
DC/DC CONVERTERS DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
|
Tumbler Technologies TRUM... http:// Tumbler Technologies TRUMPower Tumbler Technologies ...
|
T3-1S243.3N T3-1S2424N T3-1S2415N T3-1S123.3N T3-1 |
DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|