PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
CMUT5087E CMUT5088E |
SMD Small Signal Transistor NPN Low Noise SMD Small Signal Transistor PNP Low Noise ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CZTA42 CZTA92 |
SMD Small Signal Transistor PNP High Voltage SMD Small Signal Transistor NPN High Voltage SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
CMPT4403PNP CMPT4401 CMPT4401NPN CMPT4403 |
SMD Small Signal Transistor PNP General Purpose Amplifier/Switch SMD Small Signal Transistor NPN General Purpose Amplifier/Switch COMPLEMENTARY SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
BC556 BC558-BULK BC556-BULK |
TRANSISTOR 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
|