PART |
Description |
Maker |
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA216-600C BTA216-500C BTA216SERIESC BTA216-800C |
Three quadrant triacs Three quadrant triacs Three quadrant triacs high commutation
|
NXP Semiconductors Philips Semiconductors
|
BTA204-600E BTA204SERIESDEANDF BTA204SERIESD.EANDF |
Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors]
|
BTA216-500B BTA216B-800B BTA216B-800C BTA216BD BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BTA312B-800C BTA312B BTA312B-600B BTA312B-600C BTA |
12 A Three-quadrant triacs high commutation; Package: SOT404 (D2PAK); Container: Tape reel smd 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP[NXP Semiconductors] NXP Semiconductors N.V.
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA225800B.127 |
Three quadrant triacs Product specification
|
NXP Semiconductors
|
BTA312-600D BTA312-600E BTA312-800E BTA3121 |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA312X-600B BTA312X-800B BTA312X BTA312X-600C |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V. NXP[NXP Semiconductors]
|
BTA208X-1000C |
High commutation three-quadrant triacs
|
NXP Semiconductors
|