PART |
Description |
Maker |
AM29LV400B-100WAC AM29LV400B-100WACB AM29LV400B-10 |
PTSE 6C 6#20 SKT RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No FEEDTHRU CAPACITOR, 470PF 4A 100VFEEDTHRU CAPACITOR, 470PF 4A 100V; Capacitance:0.47nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, CAP 0.47UF 50V 50-20% X7R SMD-0612 TR-7 PLATED-NI/SN HC-FEEDTHRU PTSE 3C 3#20 PIN RECP 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM29F400BT-45SE0 AM29F400BB-45SE0 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
AM29F400B00 AM29F400B AM29F400BB-45FI0 AM29F400BT- |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices http://
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AM29F400BB-60FC AM29F400BB-60FE |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AM29LV256MH113R AM29LV256MH123R AM29LV256MH123RPGI |
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control CAP, FILM, 0.22UF, 100V, PPS, 2825,5%,SM 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 16M X 16 FLASH 3V PROM, 120 ns, PDSO56 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 256兆位6 M中的x 16-Bit/32 M中的x 8位)MirrorBitTM 3.0伏特,只有统一闪存部门与VersatileI /价外控制
|
Advanced Micro Devices, Inc.
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
S29GL01GP S29GL-P12 S29GL01GP11TFIR20 S29GL256P90T |
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology MirrorBit? Flash Family MirrorBit? Flash Family
|
SPANSION
|
AM29F200AT-55EC AM29F200AT-55EE AM29F200AT-55EI AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 55 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
|