PART |
Description |
Maker |
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
IPI25N06S3-25 IPB25N06S3-25 SP0000-88000 SP0000-88 |
OptiMOS?-T Power-Transistor OPTIMOS⑶-T POWER-TRANSISTOR OptiMOS㈢-T Power-Transistor OptiMOST Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
SPP21N50C3 SPI21N50C3 SPB21N50C3 SPA21N50C3 |
Cool MOS?/a> Power Transistor Cool MOS??Power Transistor Cool MOS Power Transistor Cool MOS⑩ Power Transistor for lowest Conduction Losses & fastest Switching
|
INFINEON[Infineon Technologies AG]
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|
UPA1476 UPA1476H |
2 A, 115 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
NEC Corp. NEC[NEC]
|
MJL16218 ON2054 MJL16218-D |
SCANSWITCH 15 AMPERES POWER TRANSISTOR From old datasheet system POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS SCANSWITCH NPN Bipolar Power Deflection Transistor For High and Very High Resolution Monitors
|
ON Semiconductor Motorola, Inc
|