PART |
Description |
Maker |
AD53509 AD53509JSQ |
High-Performance Driver/Comparator Active Load on a Single Chip
|
AD[Analog Devices]
|
LA6393AM |
For Parallel Comparator Circuits High-Performance Dual Comparator
|
Sanyo Semicon Device
|
EL2018 EL2018CN |
Fast, High Voltage Comparator with Transparent Latch COMPARATOR, 7000 uV OFFSET-MAX, 20 ns RESPONSE TIME, PDIP8
|
Intersil, Corp. Intersil Corporation
|
IR2135 IR2135J IR2135S IR2233J IR2133 IR2133J IR21 |
3-PHASE BRIDGE DRIVER 3相桥式驱动器 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
LT685C LT685 LT685M LT685MJ LT685CH LT685CJ LT685C |
CR2032 COMPARATOR, 3000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, MBCY10 High Speed Comparator COMPARATOR, 2500 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, CDIP16 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ALD2302 ALD2321BSC |
Ultra Low Vos EPAD® Dual CMOS Analog Voltage Comparator DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
|
Advanced Linear Devices
|
ADCMP56305 ADCMP563BCP-R2 ADCMP563BCP-RL7 ADCMP563 |
Dual High Speed ECL Comparator 16 - Lead QSOP; Package: LFCSP (3x3mm, 1.50mm exposed pad); No of Pins: 16; Temperature Range: Commercial DUAL COMPARATOR, 10000 uV OFFSET-MAX, 0.83 ns RESPONSE TIME, QCC16 Dual, High Speed ECL Comparators
|
ANALOG DEVICES INC Analog Devices, Inc.
|
BL-HW132A BL-HD032A BL-HS132A BL-HX132A BL-HA132 B |
Yellow, 30 mA, standard chip LED lamp Super red, 30 mA, standard chip LED lamp STANDARD CHIP LED LAMPS High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-PDIP -55 to 125 4-Bit Magnitude Comparator 16-PDIP -55 to 125 1-Line to 10-Line Clock Driver With 3-State Outputs 24-SSOP 0 to 70 SWITCH 4-Bit Magnitude Comparator 16-SOIC -55 to 125 标准芯片LED节能 5V Dual 1-to-4 clock driver 20-SOIC 标准芯片LED节能 Soft orange, 30 mA, standard chip LED lamp Pure green, 30 mA, standard chip LED lamp
|
YSTONE[Yellow Stone Corp] ETC 早安股份有限公司 Yellow Stone, Corp.
|
MP421007 |
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
Toshiba Semiconductor
|
MAXQ3212 |
Microcontroller with Analog Comparator and LED Driver
|
MAXIM - Dallas Semiconductor
|
MAX9974 |
(MAX9973 / MAX9974) Dual Driver / Comparator / Load
|
Maxim Integrated Products
|
ISL55100BIRZ ISL55100B |
Quad 18V Pin Electronics Driver/Window Comparator
|
Intersil Corporation
|