PART |
Description |
Maker |
2SD2639 2SB1683 |
General-Purpose Amplifier Transistors 140V / 12A, AF 60W Output Applications 140V / 12A / AF 60W Output Applications
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
S7AH-10J S7AH-10J120 S7AH-10J150 |
NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 1.5V Output / 10A 非隔离式DC / DC转换.5V的输 1.01.5V的输 10A
|
Bel Fuse Inc. Bel Fuse, Inc.
|
LTC6091HUFETRPBF |
Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
|
Linear Technology
|
LT8300 LT1991 LT1990 LT5400 LTC6090 LTC2756 |
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
|
Linear Technology
|
AXA010A0X3Z |
10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
|
Lineage Power Corporation
|
AXA010A0X3-SR AXA010A0X3-SRZ |
10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
|
Lineage Power Corporation
|
VRPC-10B250 |
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
V7PB-10C25L V7PB-10C25S V7PB-10C18L V7PB-10C18S V7 |
1-OUTPUT 18 W DC-DC REG PWR SUPPLY MODULE SIP-10 NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
BTA10-600B BTA10-600BW BTA10-600C BTA10-600CW BTA1 |
10A triac, 600V Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 10A TRIACS 10A条双向可控硅 10A triac, 800V
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|