PART |
Description |
Maker |
FA1A4Z FA1A4ZL68 FA1A4ZL67 FA1A4ZL69 FA1A4Z-L FA1A |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-346 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR MINIMOLD, SC-59, 3 PIN
|
NEC Corp. ON Semiconductor
|
GA1A4Z GA1A4Z-T2 GA1A4ZL69-T1 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR SUPER MINIMOLD PACKAGE-3 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
ZXT11N15DF ZXT11N15DFTC ZXT11N15DFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN 15V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes, Inc. Diodes Incorporated Zetex Semiconductors
|
FN1A4Z FN1A4Z-L FN1A4Z-T2B FN1A4ZM69 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD, SC-59, 3 PIN MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR MINI MOLD Compound transistor
|
Honeywell International, Inc. NEC
|
CP305 |
Chip Form: SILICON TRANSISTOR Small Signal Transistor NPN - High Current Transistor Chip
|
CENTRAL[Central Semiconductor Corp]
|
CP705 |
Chip Form: SILICON TRANSISTOR Small Signal Transistor PNP - High Current Transistor Chip
|
Central Semiconductor Corp
|
KTC1008 KTC1008GR KTC1008-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
GN1A4Z GN1A4Z-T2 GN1A4Z-T1 GN1A4ZM67 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
FN1L4Z FN1L4Z-L FN1L4Z-T2B FN1L4ZM62 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-346 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 346 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR MINI MOLD Compound transistor
|
NEC, Corp. NEC[NEC]
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|