PART |
Description |
Maker |
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5082-7666 5082-7623 5082-7651 5082-7651-DD000 5082 |
5082-7666 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7623 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7651 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DD000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DE000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7656-DE000 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7656 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7620 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7610-DD000 · 7.6 mm (0.3 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
HDSP-F401 HDSP-F403 HDSP-F407 HDSP-F408 HDSP-F301 |
10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 10 mm (0.4 inch) Overflow Character Displays 10毫米.4英寸)溢出字符显 10 mm (0.4 inch) Seven Segment Displays 10毫米.4英寸),七段显示
|
Toshiba, Corp. Avago Technologies, Ltd.
|
MAN4910A MAN4940A MAN4900A |
0.400-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10.16 mm 0.400-INCH SEVEN SEGMENT DISPLAYS 0.400英寸七段显示模块
|
QT[QT Optoelectronics]
|
TBA20-11EGWA TBA20-12EGWA TBA20-22EGWA TC20-11EWA |
50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS : Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l 50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS 50毫米.0英寸),5 × 7点矩阵显示模
|
List of Unclassifed Man... Kingbright Electronic ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
HDSP-A103 HDSP-A801 HDSP-E101 HDSP-E100 HDSP-H101 |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 20 mm (0.8 inch) Seven Segment Displays Low Current seven Segment Displays 低电段LED显示 Low Current Overflow Character displays 低电流溢出字符显 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10.9 mm 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 14.2 mm 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 7.6 mm
|
Avago Technologies, Ltd. AGILENT TECHNOLOGIES INC
|
ML9051 ML9050 |
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
|
OKI electronic components OKI[OKI electronic componets]
|
ML9059E |
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
|
List of Unclassifed Manufac...
|
FEDL9058E-01 |
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
|
List of Unclassifed Man...
|
ML9051 |
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
|
OKI electronic componet...
|
HDSP-S80E HDSP-S80G HDSP-S85E HDSP-S85G |
HDSP-S80E · 17.5 mm (0.69 inch) General Purpose 8x8 Dot Matrix Alphanumeric Displays HDSP-S80G · 17.5 mm (0.69 inch) General Purpose 8x8 Dot Matrix Alphanumeric Displays HDSP-S85E · 17.5 mm (0.69 inch) General Purpose 8x8 Dot Matrix Alphanumeric Displays HDSP-S85G · 17.5 mm (0.69 inch) General Purpose 8x8 Dot Matrix Alphanumeric Displays
|
Agilent (Hewlett-Packard)
|
HDSP-4606 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
|
AVAGO TECHNOLOGIES LIMI...
|