PART |
Description |
Maker |
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
AZP96NG AZP96 |
ECL/PECL Differential Receiver
|
AZM[Arizona Microtek, Inc]
|
AZ100EP16 |
ECL/PECL Differential Receiver
|
Arizona Microtek
|
AZ10E111FN AZ100E111 AZ100E111FN AZ10E111 |
ECL/PECL 1:9 Differential Clock Driver
|
AZM[Arizona Microtek, Inc]
|
AZ100E111FN AZ100E111FNR2 AZ10E111FN |
4.2 V-5.46 V, ECL/PECL 1:9 differential clock driver
|
Arizona Microtek
|
AZ10LVE111FN AZ100LVE111 AZ100LVE111FN AZ100LVE111 |
ECL/PECL 1:9 Differential Clock Driver
|
AZM[Arizona Microtek, Inc]
|
NB100LVEP222-D |
2.5V/3.3V 1:15 Differential ECL/PECL ?1/ ?2 Clock Driver
|
ON Semiconductor
|
AZ100LVE210 AZ100LVE210FN |
ECL/PECL 1:4, 1:5 Differential Clock Driver
|
Arizona Microtek, Inc.
|
NB100LVEP222/D NB100LVEP222FAR2 |
2.5V/3.3V 1:15 Differential ECL/PECL w1/w2 Clock Driver 2.5V/3.3V 1:15 Differential ECL/PECL w/1 and w/2 Clock Driver
|
ON Semiconductor
|