PART |
Description |
Maker |
ST24LC21BB1 ST24LW21B1 ST24FC21M1 ST24FW21B1 ST24L |
1 Kbit (x8) Dual Mode Serial EEPROM for VESA PLUG & PLAY IC CONFIG DEVICE 8MBIT 100-PQFP I2C串行EEPROM IC ACEX 1K FPGA 100K 484-FBGA FPGA, FLEX 10K, 10K GATES, TQFP144; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:TQFP; Gates, No. of:10000; I/O lines, No. of:102; Pins, No. of:144; Temp, op. RoHS Compliant: Yes IC CONFIG DEVICE 1.6MBIT 32-TQFP MAX 3000A CPLD 32 MC 44-PLCC
|
SGS Thomson Microelectronics Honeywell International, Inc.
|
ST24W01 ST24W01B1TR ST24W01B3TR ST24W01B5TR ST24W0 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Cyclone FPGA 6K PQFP-240 I2C串行EEPROM MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:6.5A; Current, Idm pulse:40A; Power, Pd:1.5W; Resistance, Rds on:0.015R; SMD:1; 1000串行EEPROM128 × 8 MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:40A; Power, Pd:1.9W; Resistance, Rds on:15R; SMD:1; Charge, gate 000串行EEPROM28 × 8 IC FLEX 10K AKA FPGA I2C串行EEPROM SERIAL 1K 128 x 8 EEPROM 000串行EEPROM28 × 8 Stratix GX FPGA 10K 4-FBGA IC FLEX 10KA FPGA IC FLEX 6000 FPGA 24K 208-PQFP IC APEX 20KE FPGA 200K IC FLEX 10KB FPGA 100K IC APEX 20KE FPGA 400K (ST2xxx) SERIAL 1K 128 x 8 EEPROM From old datasheet system SERIAL 1K (128 x 8) EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
LFXP15C-3FN484I LFXP3E-4QN208C LFXP3E-3T100C LFXP3 |
FPGA, 1932 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 1932 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 1932 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 384 CLBS, PQFP100 14 X 14 MM, TQFP-100 FPGA, 384 CLBS, PQFP100 14 X 14 MM, LEAD FREE, TQFP-100 FPGA, 2464 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 2464 CLBS, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 720 CLBS, PQFP208 28 X 28 MM, PLASTIC, LEAD FREE, PQFP-208 FPGA, 720 CLBS, PQFP144 20 X 20 MM, LEAD FREE, TQFP-144 FPGA, 720 CLBS, PQFP208 28 X 28 MM, PLASTIC, PQFP-208 FPGA, 720 CLBS, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 720 CLBS, PQFP144 20 X 20 MM, TQFP-144 FPGA, 720 CLBS, PBGA256 17 X 17 MM, LEAD FREE, FPBGA-256 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, LEAD FREE, FPBGA-388 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 384 CLBS, PQFP208 28 X 28 MM, PLASTIC, PQFP-208 FPGA, 2464 CLBS, PBGA388 23 X 23 MM, LEAD FREE, FPBGA-388 FPGA, 1932 CLBS, PBGA256 FPGA, 1216 CLBS, PBGA256
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ST24C16CML1 ST24C16CB1 ST24C16CB6 |
Cyclone FPGA 12K PQFP-240 IC MAX 7000 CPLD 128 84-PLCC Cyclone FPGA 4K FBGA-324 I2C串行EEPROM
|
STMicroelectronics N.V.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
Z0103MA1AA2 Z0103MA2AL2 Z0103MA5AA4 Z0103MN Z0103M |
IC FLEX 10K FPGA 40K 208-RQFP 1A TRIACS
|
STMicroelectronics ST Microelectronics
|
RTSX32SU-1CQ208B |
FPGA, 2880 CLBS, 48000 GATES, CQFP208 CERAMIC, QFP-208
|
Everlight Electronics Co., Ltd.
|
ACE1001LMT8 ACE1001LMT8X ACE1001LM8 ACE1001LM8X AC |
Arithmetic Controller Engine (ACEx for Low Power Applications 8-BIT, EEPROM, 1 MHz, MICROCONTROLLER, PDSO8 Arithmetic Controller Engine (ACEx? for Low Power Applications Arithmetic Controller Engine (ACEx) for Low Power Applications Arithmetic Controller Engine (ACEx) for Low Power, Low Cost Applications
|
Fairchild Semiconductor, Corp.
|
XC3090-100CB164C XC3090-100CQ164C XC3090-100CB164M |
设计的FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA RF inductor, no core, RoHS 现场可编程门阵列(FPGA
|
HIROSE ELECTRIC Co., Ltd. Electronic Theatre Controls, Inc. CTS, Corp. EPCOS AG
|
EP1C3T100C6 EP1C12Q240C8 EP1C6T400 EP1C6T400C6ES E |
Cyclone FPGA Family FPGA FPGA (Field-Programmable Gate Array) - Datasheet Reference
|
ALTERA[Altera Corporation] Altera Corp
|
QL2003-0PL84C QL2003-0PF100C QL2003-0PF100I QL2003 |
Test fixture for axial lead components DSL transformer, for AD20MSP910/918, not RoHS 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
Coilcraft, Inc.
|
|