PART |
Description |
Maker |
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ISD4004-16M ISD4004-08M |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 16 minutes)(单片的录录音重放一片信息存储持续时16分钟 Single-Chip Voice Record/Playback Device(Single-chip Durations of 8 minutes)(单片的录录音重放一片信息存储持续时分钟 单芯片语音记播放设备(单芯片的持续时分钟)(单片的录录音重放器(一片信息存储持续时分钟))
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
STLC2500 |
BLUETOOTH SINGLE CHIP BLUETOOTH?/a> SINGLE CHIP BLUETOOTH SINGLE CHIP BLUETOOTH⑩ SINGLE CHIP
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DMC42C1106 |
4Bit Single Chip Microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER 4位单片机的小型通用红外遥控
|
Daewoo Semiconductor Rochester Electronics, LLC
|
BT1074BI |
Single chip 850-950 MHz RF transeiver SINGLE CHIP 850-950MHz RF TRANSCEIVER From old datasheet system
|
BTI BethelTronix Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
M38B7 M38B79MFH-A154FP M38B79MFH-A157FP |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8 Bits Microcomputer(8位单片机)
|
http:// Mitsubishi Electric Corporation
|
ISD1810-SERIES ISD1810 |
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间86秒钟)) Single-Chip/Single Message Voice Record/Playback Devices 8-to-16 Second Durations
|
Winbond Electronics Corp
|