PART |
Description |
Maker |
PS7141EL-1A-E3-A PS7141EL-1A-E4-A PS7141E-1A-A PS7 |
6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
|
NEC
|
PS7122-1A PS7122L-2A PS7122L-1A-E4 PS7122L-2A-E3 |
6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
|
California Eastern Labs Duracell
|
PS7160-1A PS7160L-1A PS7160L-1A-E4 PS7160L-1A-E4-A |
6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET 6引脚DIP600伏电压打通道光学耦合场效应晶体管
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
PS9661L-E3 PS9661L-E4 PS9661L |
NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
|
NEC Corp.
|
PS7341-1A-15 |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
|
Renesas Electronics Corporation
|
PVT412A PVT412AS-T |
400V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package 400V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package Relay (Solid-State)
|
International Rectifier ir
|
PS7341-1A PS7341-1A-A PS7341L-1A-E3-A PS7341L-1A-E |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
NEC
|
5338048-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; 6P. DIP SWITCH WITH ACTION PIN POSTS ( Tyco Electronics )
|
Tyco Electronics
|
PS7431-1A |
NECs 4 PIN SOP PACKAGE, HIGH ISOLATION VOLTAGE, 3000 V.r.m.s. 1 FORM A TYPE SOLID STATE RELAY 邻舍4 pin SOP封装,高隔离电压000 Vrms表格A型固态继电器
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021 |
邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC Corp. NEC[NEC]
|
PS7200R PS7200R-1A |
NECs 4 PIN SOP / 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET 邻舍4引脚SOP.1 pF的超低电容输通道光学耦合MOSFET
|
NEC[NEC] NEC Corp. NEC, Corp.
|
NX7561JB-BC-AZ |
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
|
California Eastern Laboratories
|