PART |
Description |
Maker |
MHW7185C |
HIGH OUPUT POWER DOUBLER 750 MHZ CATV AMPLIFIER
|
Motorola, Inc
|
MHW7205A |
High Ouput Power Doubler 750 MHz CATV Amplifier
|
Motorola, Inc
|
10773A 10769A 10769B 10767A 10767B 10772A 10785A |
10773A Flatness Mirror 10769B Turning Mirror on Universal Mount 10785A Optics Height Adjuster and Post
|
Agilent (Hewlett-Packard)
|
MM908E621ACDWB/R2 |
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
|
Freescale Semiconductor, Inc
|
MM908E62108 |
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
|
Freescale Semiconductor, Inc
|
ADL5315 |
Precision Wide-range (3 nA - 3 mA) High-Side Current Mirror
|
Analog Devices
|
LDM-0980-002W-35 |
Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
|
Roithner LaserTechnik G...
|
LD1490-C010 |
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
|
Roithner LaserTechnik G...
|
PHPT610030NPK |
NPN/PNP high power double bipolar transistor
|
NXP Semiconductors
|
IBS25 IBS215 IBS212 |
4000 VDC Input / Ouput Solation
|
Wall Industries
|