PART |
Description |
Maker |
74FCT574A |
FAST CMOS OCTAL D REGISTERS
|
IDT
|
PI74FCT374T PI74FCT574TSE PI74FCT574TS PI74FCT574T |
Fast CMOS Octal D Registers (3-State)
|
Pericom Semiconductor Corpo... PERICOM[Pericom Semiconductor Corporation] Pericom Technology Pericom Semiconductor C...
|
74FCT574ATDBG8 54FCT574ATDBG8 IDT54 54FCT574ATLBG8 |
FAST CMOS OCTAL D REGISTERS (3-STATE)
|
Integrated Device Techn...
|
IDT74FCT574A IDT54FCT574A IDT74FCT574C IDT74FCT574 |
Octal D Register with 3-State From old datasheet system FAST CMOS OCTAL D REGISTERS (3-STATE)
|
IDT
|
PI74FCT162374T PI74FCT162H374T PI74FCT16374T PI74F |
FCT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Fast CMOS 16-Bit Registers (3-State) Fast CMOS 16-bit register (3-state)
|
PERICOM[Pericom Semiconductor Corporation] ETC Pericom Technology
|
IDT54FCT16646ETE IDT54FCT16646ETEB IDT54FCT16646ET |
FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
|
IDT
|
AT28C64BNBSP AT28C64B-15PI AT28C64B-20PI AT28C64B- |
64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 150 ns, PDSO28 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-VQFN -40 to 85 8K X 8 EEPROM 5V, 150 ns, PDSO28 64K 8K x 8 CMOS E2PROM 8-Bit Shift Registers With Output Registers 16-SSOP -40 to 85 64K EEPROM with 64-Byte Page & Software Data Protection 64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection From old datasheet system 64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT74FCT541 IDT74FCT541A IDT74FCT541AD IDT74FCT541 |
FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, CQCC20 Internal Memory; For Use With:Eurotherm 6000 Series Paperless Recorders; Memory Size, RAM:96MB 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDIP20 FAST CMOS OCTAL BUFFER/LINE DRIVER 快速CMOS八路缓冲线路驱动 INDICATORINDICATOR; Accuracy, calibrated:The greater of /-0.25% of reading or /-1c or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Depth, external:103mm; Digits, No. of:4; Display:15.9mm high red LED TEMP CONTROLLER, PIDTEMP CONTROLLER, PID; Accuracy, calibrated:The greater of /-0.25% of reading, or /-1c, or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Control Modes:PID, or ON/OFF control; Depth, 3.3V CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technolog... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
PI74LPT374CL PI74LPT374CQ PI74LPT374CS PI74LPT374 |
Fast CMOS 3.3V Octal D Flip-Flop
|
Pericom Semiconductor Corporation
|
PI74FCT373T PI74FCT573ATH PI74FCT573ATL PI74FCT573 |
Fast CMOS Octal Transparent Latches
|
Pericom Semiconductor Corpo... ETC PERICOM[Pericom Semiconductor Corporation]
|
IDT74FCT2373ATQ IDT74FCT2373ATQG IDT74FCT2373CTQ I |
FAST CMOS OCTAL TRANSPARENT LATCH
|
Integrated Device Technology
|
IDT74FCT541C IDT74FCT541A IDT74FCT541 IDT54FCT541A |
FAST CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technolog... IDT[Integrated Device Technology]
|