PART |
Description |
Maker |
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
BD9300FV-E2 |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
ROHM
|
BA9743AFV11 |
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
LM2575T-15G LM2575D2T-5 LM2575T-12 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor Motorola Mobility Holdings, Inc.
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
ISL6548 ISL6548CRZ ISL6548CRZ-T ISL6548CRZA-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
LT3434 LT3434EFE LT3434IFE |
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current High Voltage 3A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
Linear Technology
|
SP6125 SP6125EK1-L/TR |
High-Voltage, Step Down Controller in TSOT6 SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO6 ROHS COMPLIANT, TSOT-6
|
Exar Corporation Exar, Corp.
|
GM7130-5.0TA5R GM7130-5.0TA5T GM7130-5.0TB5BR GM71 |
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
|
GAMMA[Gamma Microelectronics Inc.]
|