PART |
Description |
Maker |
L113YDT L113EDT L113GDT L113HDT L113IDT L113SRDT |
2 x 5 mm rectangular solid lamp. High effiency red. Lens type red diffused. 2 X 5 MM RECTANGULAR SOLID LAMPS 2 x 5毫米矩形固灯
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Kingbright Electronic
|
AIC1722A-52PZTTR AIC1722A AIC1722A-18CUBG AIC1722A |
Leaded Cartridge Fuse; Current Rating:150mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:5.2mm; Fuse Size/Group:5 x 20 mm; Lead Length:38.1mm RoHS Compliant: Yes SMA (M) TO MCX (M) ADAPTERS SMA (M) TO TNC (M) ADAPTERS SMA (M) TO SMB (F) ADAPTERS A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:16-TSSOP RoHS Compliant: Yes A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:16-TSSOP; Leaded Process Compatible:No; No. of Bits:24 RoHS Compliant: Yes Monitors the angle drift from the set point. SMA (M) TO SMB (M) ADAPTERS A/D Converter (A-D) IC; Resolution (Bits):18; Sample Rate:50kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:8-SOIC; Leaded Process Compatible:Yes; No. of Bits:18 RoHS Compliant: Yes SMA (M) TO MCX (F) ADAPTER SMA (M) TO MUHF (F) ADAPTERS SMA (M) TO MMCX (J) ADAPTERS A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended Inputs; Data Interface:Serial; Package/Case:16-TSSOP SMA (M) TO N(M) ADAPTERS RES - 1%, 0.063W, 2.00K Rectangular Connector Contact Insert; Series:C-146; No. of Contacts:10; Gender:Male; Body Material:Polycarbonate; Color:Gray; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:250V RoHS Compliant: Yes Rectangular Connector Contact Insert; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Polycarbonate; Color:Gray; Connecting Termination:Screw; Contact Plating:Brass; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes TOOLS, HAND CRIMP RoHS Compliant: Yes Rectangular Connector Contact Insert; Series:C-146; No. of Contacts:24; Gender:Male; Body Material:Polycarbonate; Color:Gray; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:250V RoHS Compliant: Yes Rectangular Connector Contact Insert; Series:C-146; No. of Contacts:16; Gender:Female; Body Material:Polycarbonate; Color:Gray; Connecting Termination:Screw; Contact Plating:Brass; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes Rectangular Connector Contact Insert; Series:C-146; No. of Contacts:16; Gender:Male; Body Material:Polycarbonate; Color:Gray; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:250V RoHS Compliant: Yes AC MEXICO CAPACITANCE=4 VOLT=370 300mA低压差线性稳压器 300mA Low Dropout Linear Regulator 300mA低压差线性稳压器 SMA (M) TO TNC (F) ADAPTER 300mA低压差线性稳压器 RF/Coaxial Connector; RF Coax Type:SMB 300mA低压差线性稳压器 SMA (M) TO UHF (F) ADAPTERS
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation Analog Integrations, Corp.
|
LEM2520T330J |
Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
|
Taiyo Yuden (U.S.A.), I...
|
LEM2520T150J |
Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
|
Taiyo Yuden (U.S.A.), I...
|
6310 6310D1 6310D7 |
Series 2 x 5 Rectangular Right Angle LED Assembly
|
Visual Communications C...
|
PW-1634BA-CST01 PW-1634CA-CST01 PW-1634DA-CST01 PW |
SUMICON 1600 SERIES RECTANGULAR CONNECTORS
|
HIROSE[Hirose Electric]
|
CEE124NP-0R7MB CEE124NP-0R7MC CEE124 CEE124NP-1R3M |
POWER INDUCTORS <SMD Type: CEE Series> 1 ELEMENT, 0.75 uH, MANGANESE-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS Type: CEE Series POWER INDUCTORS POWER INDUCTORS <SMD Type: CEE Series
|
Sumida, Corp. SUMIDA CORPORATION.
|
0511920600 51192-0600 |
HMC Rectangular Industrial Male Housing, Multi-Module Type, 6 Circuits HMC垄芒 Rectangular Industrial Male Housing, Multi-Module Type, 6 Circuits
|
Molex Electronics Ltd.
|