PART |
Description |
Maker |
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
ADD8701 ADD8701ACP ADD8701ACP-R2 ADD8701ACP-REEL7 |
12-Channel Gamma Buffers with VCOM Buffer Low Cost, 16 V 12-Channel Buffer plus Integrated High Drive Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
BD8151EFV |
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
|
Rohm
|
ICS9250-32 ICS9250YF-32-T ICS9250YF-32LF |
Frequency Generator & Integrated Buffers for PII/III? Integrated Circuit Systems Frequency Generator & Integrated Buffers for PII/III⑩ 66 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 0.300 INCH, SSOP-56
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] TOKO, Inc.
|
ICS9148-75 ICS9148F-PPP-T ICS9148F-75-T AV9148F-75 |
Frequency generator and integrated buffers for mother board Single Chip, 100MHz Aladdin V System Clock with Overclocking From old datasheet system Frequency Generator & Integrated Buffers for Mother Boards
|
ICST[Integrated Circuit Systems]
|
ADD8733 ADD8733ACPZ-REEL |
Integrated TFT Panel Power Supply with Gate Modulation and VCOM
|
Analog Devices, Inc.
|
BUF16821 |
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
|
EPCOS
|
ADD8702ACP-R2 ADD8702ACP-REEL ADD8702ACP-REEL7 |
12-Channel Gamma Buffers with Vcom Buffer 12-Channel Gamma Buffers with VCOM Buffer
|
Analog Devices, Inc.
|
MAX17100ETMTC8W MAX17100ETMC8W |
Internal-Switch Boost Regulator with Integrated Scan Driver, VCOM Calibrator, and Op Amp for TFT LCDs
|
MAXIM - Dallas Semiconductor
|
EL5724 |
(EL5524 - EL5824) Integrated Buffers
|
Intersil Corporation
|